Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2245A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC2245A
Description  Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2245A Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC2245A Datasheet HTML 1Page - NXP Semiconductors 74LVC2245A Datasheet HTML 2Page - NXP Semiconductors 74LVC2245A Datasheet HTML 3Page - NXP Semiconductors 74LVC2245A Datasheet HTML 4Page - NXP Semiconductors 74LVC2245A Datasheet HTML 5Page - NXP Semiconductors 74LVC2245A Datasheet HTML 6Page - NXP Semiconductors 74LVC2245A Datasheet HTML 7Page - NXP Semiconductors 74LVC2245A Datasheet HTML 8Page - NXP Semiconductors 74LVC2245A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
2003 Nov 17
5
Philips Semiconductors
Product specification
Octal transceiver with direction pin, 30
Ω series
termination resistors; 5 V tolerant input/output; 3-state
74LVC2245A
handbook, halfpage
17
3
1
19
2
1
16
4
15
5
14
6
13
7
12
8
11
9
18
G3
3EN1 (BA)
3EN2 (AB)
2
MNA365
Fig.3 Logic symbol (IEEE/IEC).
Fig.4 Logic symbol.
handbook, halfpage
2
1
DIR
18
19
B0
B1
B2
B3
B4
B5
B6
B7
3
17
4
16
5
15
6
14
7
13
8
12
9
A0
A1
A2
A3
A4
A5
A6
A7
11
OE
MNA174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com