Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB-XX3.3S Datasheet(PDF) 2 Page - Recom International Power

Part # RB-XX3.3S
Description  ECONOLINE - DC/DC-Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RB-XX3.3S Datasheet(HTML) 2 Page - Recom International Power

  RB-XX3.3S Datasheet HTML 1Page - Recom International Power RB-XX3.3S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
EC 21
August 2002
Package Style and Pinning (mm)
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
1.27
0.25
12.70
2.0
12
4 5 6
6.00
19.60
10.20
0.51 typ.
4.10
0.51 typ.
RB-0505D
RECOM
****
12
5
RB-0505D
RECOM
****
6
4
Dual Output
12
5
RB-0505S
RECOM
****
6
Single Output
4
2.54
1.00ø+0.15/–0
2.54
3rd angle
projection
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
4NC
–Vout
5–Vout
Com
6+Vout
+Vout
NC = No Connection
ECONOLINE - DC/DC-Converter
RB Series, 1 Watt, SIP7 (Single & Dual Output)
Recommended Footprint Details
8 PIN DIP Package



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com