Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846DS Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # BC846DS
Description  65 V, 100 mA NPN/NPN general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC846DS Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BC846DS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BC846DS
©
Nexperia B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 17 July 2009
8 of 12
Nexperia
BC846DS
65 V, 100 mA NPN/NPN general-purpose transistor
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
10. Packing information
Fig 11. Package outline SOT457 (SC-74)
04-11-08
Dimensions in mm
3.0
2.5
1.7
1.3
3.1
2.7
pin 1 index
1.9
0.26
0.10
0.40
0.25
0.95
1.1
0.9
0.6
0.2
13
2
4
5
6
Please refer to packing information on www.nexperia.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12