Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5668 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 2SC5668
Description  NPN SILICON RF TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5668 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 2SC5668 Datasheet HTML 13Page - Renesas Technology Corp 2SC5668 Datasheet HTML 14Page - Renesas Technology Corp 2SC5668 Datasheet HTML 15Page - Renesas Technology Corp 2SC5668 Datasheet HTML 16Page - Renesas Technology Corp 2SC5668 Datasheet HTML 17Page - Renesas Technology Corp 2SC5668 Datasheet HTML 18Page - Renesas Technology Corp 2SC5668 Datasheet HTML 19Page - Renesas Technology Corp 2SC5668 Datasheet HTML 20Page - Renesas Technology Corp 2SC5668 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet P14854EJ1V0DS00
15
2SC5668
VCE = 2 V, IC = 10 mA
Frequency
NFmin.
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG. (deg.)
0.8
1.16
19.1
0.06
−93.2
0.15
1.0
1.18
17.4
0.03
14.2
0.16
1.5
1.23
14.2
0.02
−2.5
0.16
1.8
1.27
12.6
0.04
179.0
0.14
2.0
1.29
11.7
0.06
−102.0
0.15
2.5
1.34
10.2
0.12
−161.8
0.13
VCE = 2 V, IC = 20 mA
Frequency
NFmin.
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG. (deg.)
0.8
1.59
19.4
0.16
−151.7
0.15
1.0
1.62
17.5
0.16
−148.3
0.15
1.5
1.67
14.2
0.19
−138.8
0.16
1.8
1.70
12.8
0.22
−133.6
0.16
2.0
1.73
11.9
0.24
−130.9
0.16
2.5
1.78
10.2
0.28
−128.1
0.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com