Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5745 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 2SC5745
Description  NPN SILICON RF TRANSISTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5745 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 2SC5745 Datasheet HTML 18Page - Renesas Technology Corp 2SC5745 Datasheet HTML 19Page - Renesas Technology Corp 2SC5745 Datasheet HTML 20Page - Renesas Technology Corp 2SC5745 Datasheet HTML 21Page - Renesas Technology Corp 2SC5745 Datasheet HTML 22Page - Renesas Technology Corp 2SC5745 Datasheet HTML 23Page - Renesas Technology Corp 2SC5745 Datasheet HTML 24Page - Renesas Technology Corp 2SC5745 Datasheet HTML 25Page - Renesas Technology Corp 2SC5745 Datasheet HTML 26Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet P15439EJ1V0DS
21
2SC5745
NOISE PARAMETERS
VCE = 1 V, IC = 3 mA
VCE = 2 V, IC = 3 mA
fNFmin
Ga
Γopt
Rn/50
f
NFmin
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG.
(GHz)
(dB)
(dB)
MAG.
ANG.
0.8
1.22
11.7
0.43
125.4
0.11
0.8
1.17
12.3
0.43
122.5
0.12
0.9
1.32
10.9
0.46
135.5
0.11
0.9
1.27
11.5
0.46
132.8
0.11
1.0
1.42
10.2
0.48
144.6
0.10
1.0
1.38
10.8
0.48
142.1
0.11
1.5
1.91
7.9
0.59
177.4
0.07
1.5
1.90
8.4
0.58
176.0
0.07
1.8
2.21
6.9
0.65
−170.0
0.07
1.8
2.21
7.4
0.64
−171.0
0.07
1.9
2.31
6.5
0.66
−166.5
0.08
1.9
2.32
7.1
0.65
−167.4
0.08
2.0
2.41
6.2
0.68
−163.3
0.09
2.0
2.42
6.8
0.67
−164.0
0.09
2.5
2.90
4.8
0.72
−147.6
0.21
2.5
2.94
5.3
0.72
−148.1
0.21
VCE = 1 V, IC = 5 mA
VCE = 2 V, IC = 5 mA
fNFmin
Ga
Γopt
Rn/50
f
NFmin
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG.
(GHz)
(dB)
(dB)
MAG.
ANG.
0.8
1.19
12.5
0.37
132.6
0.10
0.8
1.15
13.1
0.36
128.7
0.10
0.9
1.27
11.7
0.40
142.3
0.09
0.9
1.24
12.3
0.39
138.7
0.10
1.0
1.36
11.0
0.43
150.9
0.09
1.0
1.33
11.6
0.42
147.7
0.09
1.5
1.78
8.4
0.55
−178.4
0.07
1.5
1.78
9.1
0.54
179.9
0.07
1.8
2.04
7.4
0.61
−167.0
0.08
1.8
2.04
8.0
0.60
−167.9
0.08
1.9
2.12
7.0
0.63
−163.8
0.08
1.9
2.13
7.7
0.62
−164.6
0.08
2.0
2.21
6.7
0.65
−160.8
0.09
2.0
2.22
7.3
0.64
−161.5
0.09
2.5
2.63
5.3
0.71
−145.6
0.20
2.5
2.67
5.9
0.70
−146.0
0.20
VCE = 1 V, IC = 7 mA
VCE = 2 V, IC = 7 mA
fNFmin
Ga
Γopt
Rn/50
f
NFmin
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG.
(GHz)
(dB)
(dB)
MAG.
ANG.
0.8
1.21
13.0
0.34
140.7
0.09
0.8
1.18
13.8
0.33
138.1
0.09
0.9
1.29
12.2
0.37
149.3
0.09
0.9
1.26
12.9
0.36
147.1
0.09
1.0
1.37
11.4
0.41
157.0
0.08
1.0
1.34
12.1
0.39
155.2
0.09
1.5
1.77
8.8
0.54
−175.2
0.07
1.5
1.74
9.5
0.52
−175.8
0.07
1.8
2.00
7.7
0.60
−164.3
0.08
1.8
1.98
8.3
0.59
−164.8
0.08
1.9
2.08
7.3
0.62
−161.3
0.09
1.9
2.07
8.0
0.61
−161.8
0.09
2.0
2.16
7.0
0.63
−158.4
0.10
2.0
2.15
7.7
0.63
−158.9
0.10
2.5
2.56
5.5
0.69
−143.7
0.20
2.5
2.55
6.2
0.69
−144.0
0.20
VCE = 1 V, IC = 10 mA
VCE = 2 V, IC = 10 mA
fNFmin
Ga
Γopt
Rn/50
f
NFmin
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG.
(GHz)
(dB)
(dB)
MAG.
ANG.
0.8
1.25
13.5
0.33
151.8
0.08
0.8
1.24
14.3
0.32
150.6
0.08
0.9
1.32
12.6
0.36
158.8
0.08
0.9
1.32
13.4
0.35
157.6
0.08
1.0
1.40
11.8
0.40
165.2
0.08
1.0
1.39
12.6
0.39
164.0
0.08
1.5
1.77
9.1
0.53
−170.9
0.07
1.5
1.78
9.8
0.52
−171.5
0.08
1.8
2.00
7.9
0.59
−161.0
0.09
1.8
2.02
8.6
0.59
−161.2
0.09
1.9
2.07
7.6
0.61
−158.1
0.10
1.9
2.09
8.3
0.60
−158.3
0.10
2.0
2.15
7.2
0.63
−155.4
0.11
2.0
2.17
7.9
0.62
−155.5
0.11
2.5
2.52
5.7
0.69
−142.2
0.21
2.5
2.56
6.4
0.68
−142.4
0.21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com