Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5NPARCH-RM/D Datasheet(PDF) 30 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 26Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 27Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 28Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 29Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 30Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 31Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 32Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 33Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 114 page
background image
30
CHAPTER 2: SIGNAL DESCRIPTIONS
C3EN
Pin Descriptions Grouped
by Function
The C-3e NP pins are categorized in groups, reflecting interfaces to the chip:
• Clock Signals
• CP Interface Signals
• Executive Processor System Interface Signals
• Fabric Processor Interface Signals
• BMU SDRAM Interface Signals
• TLU SRAM Interface Signals
• QMU SRAM (Internal Mode) Interface Signals
• QMU to Q-5/Q-3 (External Mode) Interface Signals
• Power Supply Signals
• Test Signals
Pins conform to Joint Electronic Devices Engineering Council (JEDEC) standards.
LVTTL and LVPECL
Specifications
C-3e NP pins are the following types:
• Low Voltage TTL-Compatible (LVTTL). The C-3e NP’s LVTTL pins conform to the JEDEC
JESD8-B specification.
• Low Voltage Positive Emitter Coupled Logic (LVPECL).
All of the signals in the following tables in this chapter denote whether the individual
signal is an Input (I), Output (O), both Input and Output (I/O), or power (P). In addition, a
PU, PD, and nc are used. The PU indicates that an internal resistor will pullup the pad if
left unconnected. PD indicates an internal pulldown resistor. NC means the pad is to be
left unconnected.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com