Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5C5EDELTA-RM/D Datasheet(PDF) 109 Page - NXP Semiconductors

Part # C5C5EDELTA-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5C5EDELTA-RM/D Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button C5C5EDELTA-RM/D Datasheet HTML 105Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 106Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 107Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 108Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 109Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 110Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 111Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 112Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 114 page
background image
03
C5ENPA1-DS/D
Rev 03
INDEX
Symbols
10/100 Ethernet (RMII) Configuration 34
10/100 Ethernet Signals 34
10/100 Ethernet Timing Description 84
10/100 Ethernet Timing Diagram 84
10/100 Ethernet Timing Specifications 84
A
Absolute Maximum Ratings 73
AC Timing Specifications 81
B
Block Diagram, C-5e Network Processor 20
BMU SDRAM Interface Signals 52
BMU Signal Groups 97
BMU Timing Description 96
BMU Timing Diagram 96
BMU Timing Specifications 96
Boundary Scan Cell Types 69
Boundary Scan Description Language 72
Bringup Clock Timing Diagram 76
Buffer Management Unit 24
C
C-5e Network Processor Absolute Maximum Ratings 73
C-5e Network Processor BGA Package, Bottom View 104
C-5e Network Processor BGA Package, Side View 103
C-5e Network Processor Capacitance Data 75
C-5e Network Processor DC Characteristics 75
C-5e Network Processor Power and Thermal Characteristics 77
C-5e NP Channel Processors 22
Channel Processor Interface Signals 32
Channel Processors 22
Channel Processors Physical Interface Signals and Pins
Grouped by Clusters 33
Clock and Reference Signals 31
Clock Signals 31
Clock Timing Specifications 82
Configuration
10/100 Ethernet (RMII) 34
DS1/T1 Framer Interface 34
FibreChannel TBI 38
Gigabit Ethernet 38
Gigabit Ethernet (GMII) 35
SONET OC-12 Transceiver Interface 40
SONET OC-3 Transceiver Interface 39
Configurations
GMII/TBI Transmit and Receive Pin 36
CP Timing Specifications 83
CSIX-L1 Mode, C-5e Network Processor to Fabric Interface Pin
Mapping 51
D
Data Registers
JTAG 69
DC Characteristics 75
Description
Functional 19
Description Language
Boundary Scan 72
Descriptions
Signal 27
Diagram
10/100 Ethernet Timing 84
BMU Timing 96
Bringup Clock Timing 76
DS1/DS3 Ethernet Timing 83
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com