Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5C5EDELTA-RM/D Datasheet(PDF) 111 Page - NXP Semiconductors

Part # C5C5EDELTA-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5C5EDELTA-RM/D Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button C5C5EDELTA-RM/D Datasheet HTML 106Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 107Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 108Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 109Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 110Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 111Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 112Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 113Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 114Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 111 / 114 page
background image
INDEX
111
03
MDIO Serial Interface Timing Description 91
MDIO Serial Interface Timing Diagram 91
MDIO Serial Interface Timing Specifications 91
Measurements
C-5e Network Processor 106
Mechanical Specifications 103
Miscellaneous Test Signals for JTAG, Scan, and Internal Test
Routines 58
N
No Connection Pins 58
O
OC-12 Signals 40
OC-12 Timing Description 88
OC-12 Timing Specifications 88
OC-3 Signals 39
OC-3 Timing Description 87
OC-3 Timing Diagram 87
OC-3 Timing Specifications 87
Operating Conditions, Recommended 74
P
Package Measurements 106
PCI Signals 42
PCI Timing Description 90
PCI Timing Diagram 89
PCI Timing Specifications 89
Pin Descriptions
Grouped by Function 30
Pin Locations 28
Pin Number Signals Groups 59
Pinout Diagram 28
Power Sequencing 76, 77
Power Supply Signals 57
Power X(CSIX-L0) Mode, Fabric Interface Pin Mapping 50
PRIZMA Mode, C-5e Network Processor to Fabric Interface Pin
Mapping 50
Processor, Executive 23
Processor, Fabric 24
PROM Interface Diagram 45
PROM Interface Signals 44
PROM Interface Timing Description 93
PROM Interface Timing Diagram 93
PROM Interface Timing Outline 46
PROM Interface Timing Specifications 93
Q
QMU Signal Groups 100
QMU SRAM (Internal Mode) Timing Diagram 99
QMU SRAM Interface Signals 55, 56
QMU Timing Description 100
QMU Timing Specifications 99
QMU to Q-5 (External Mode) Timing Diagram 101
Queue Management Unit 26
R
Recommended Operating Conditions 74
Register
IDcode 71
JTAG Instruction 71
S
Serial Interface Signals 43
Serial Port Signals 43
Signal
General System Interface 47
Signal Descriptions 27
Signal Summary 27
Signals
10/100 Ethernet 34
BMU SDRAM Interface 52
Channel Processor Interface 32
Clock 31
Clock and Reference 31
DS1/T1 Framer Interface 34
Fabric Processor Interface 48
Grouped by Pin Number 59
OC-12 40
OC-3 39
PCI 42
Power Supply 57
PROM Interface 44
QMU SRAM Interface 55, 56
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com