Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2244 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2244
Description  Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2244 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2244 Datasheet HTML 1Page - NXP Semiconductors 74LVC2244 Datasheet HTML 2Page - NXP Semiconductors 74LVC2244 Datasheet HTML 3Page - NXP Semiconductors 74LVC2244 Datasheet HTML 4Page - NXP Semiconductors 74LVC2244 Datasheet HTML 5Page - NXP Semiconductors 74LVC2244 Datasheet HTML 6Page - NXP Semiconductors 74LVC2244 Datasheet HTML 7Page - NXP Semiconductors 74LVC2244 Datasheet HTML 8Page - NXP Semiconductors 74LVC2244 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Sep 30
3
Philips Semiconductors
Product specification
Octal buffer/line driver with 30
Ω series termination
resistors; 5 V input/output tolerant; 3-state
74LVC2244A
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
ORDERING INFORMATION
PINNING
INPUT
OUTPUT
nOE
nAn
nYn
LL
L
LH
H
HX
Z
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74LVC2244AD
74LVC2244AD
−40 to +85 °C
20
SO
plastic
SOT163-1
74LVC2244ADB
74LVC2244ADB
20
SSOP
plastic
SOT339-1
74LVC2244APW
74LVC2244APW DH
20
TSSOP
plastic
SOT360-1
PIN
SYMBOL
DESCRIPTION
11OE
output enable input (active LOW)
2, 4, 6, 8
1A0 to 1A3
data inputs
3, 5, 7, 9
2Y0 to 2Y3
bus outputs
10
GND
ground (0 V)
11, 13, 15, 17
2A3 to 2A0
data inputs
12, 14, 16, 18
1Y3 to 1Y0
bus outputs
19
2OE
output enable input (active LOW)
20
VCC
DC supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com