Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2245ABQ Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 74LVC2245ABQ
Description  Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2245ABQ Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 74LVC2245ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC2245ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC2245ABQ Datasheet HTML 11Page - NXP Semiconductors 74LVC2245ABQ Datasheet HTML 12Page - NXP Semiconductors 74LVC2245ABQ Datasheet HTML 13Page - NXP Semiconductors 74LVC2245ABQ Datasheet HTML 14Page - NXP Semiconductors 74LVC2245ABQ Datasheet HTML 15Page - NXP Semiconductors 74LVC2245ABQ Datasheet HTML 16Page - NXP Semiconductors 74LVC2245ABQ Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
© Koninklijke Philips Electronics N.V. 2003
SCA75
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed
without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license
under patent- or other industrial or intellectual property rights.
Philips Semiconductors – a worldwide company
Contact information
For additional information please visit http://www.semiconductors.philips.com.
Fax: +31 40 27 24825
For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
Printed in The Netherlands
613508/04/pp
17
Date of release:
2003 Nov 17
Document order number:
9397 750 10561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com