Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC123JM Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PDTC123JM
Description  50 V, 100 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC123JM Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PDTC123JM Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC123JM Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC123JM Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC123JM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC123JM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC123JM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC123JM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC123JM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC123JM Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
PDTC123JM
50 V, 100 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)CBO
collector-base
breakdown voltage
IC = 100 µA; IE = 0 A; Tamb = 25 °C
50
-
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = 2 mA; IB = 0 A; Tamb = 25 °C
50
-
-
V
ICBO
collector-base cut-off
current
VCB = 50 V; IE = 0 A; Tamb = 25 °C
-
-
100
nA
VCE = 30 V; IB = 0 A; Tamb = 25 °C
-
-
1
µA
ICEO
collector-emitter cut-off
current
VCE = 30 V; IB = 0 A; Tj = 150 °C
-
-
5
µA
IEBO
emitter-base cut-off
current
VEB = 5 V; IC = 0 A; Tamb = 25 °C
-
-
180
µA
hFE
DC current gain
VCE = 5 V; IC = 10 mA; Tamb = 25 °C
100
-
-
VCEsat
collector-emitter
saturation voltage
IC = 5 mA; IB = 0.25 mA; Tamb = 25 °C
-
-
100
mV
VI(off)
off-state input voltage
VCE = 5 V; IC = 100 µA; Tamb = 25 °C
-
0.6
0.5
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 5 mA; Tamb = 25 °C
1.1
0.75
-
V
R1
bias resistor 1 (input)
[1]
1.54
2.2
2.86
kΩ
R2/R1
bias resistor ratio
[1]
17
21
26
Cc
collector capacitance
VCB = 10 V; IE = 0 A; ie = 0 A; f = 1 MHz;
Tamb = 25 °C
-
-
2.5
pF
fT
transition frequency
VCE = 5 V; IC = 10 mA; f = 100 MHz;
Tamb = 25 °C
[2]
-
230
-
MHz
[1] See "Section 11: Test information" for resistor calculation and test conditions.
[2] Characteristics of built-in transistor.
IC (mA)
10-1
102
10
1
006aac805
102
10
103
hFE
1
(1)
(2)
(3)
VCE = 5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 3. DC current gain as a function of collector
current; typical values
006aac810
IC (mA)
10-1
102
10
1
10-1
1
VCEsat
(V)
10-2
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 4. Collector-emitter saturation voltage as a
function of collector current; typical values
PDTC123JM
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 April 2023
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com