Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC124EM Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PDTC124EM
Description  50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124EM Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PDTC124EM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Nexperia
PDTC124EM
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
14. Revision history
Table 9. Revision history
Data sheet ID
Release date
Data sheet status
Change
notice
Supersedes
PDTC124EM v.9
20221027
Product data sheet
-
PDTC124E_SER v.8
Modification:
• The format of this data sheet has been redesigned to comply with the identity guidelines
of Nexperia.
• Legal texts have been adapted to the new company name where appropriate.
• Family data sheet reduced to single type data sheet.
• Packing information removed.
PDTC124E_SER v.8
20111128
Product data sheet
-
PDTC124E_SERIES v.7
PDTC124E_SERIES v.7
20040817
Product data sheet
-
PDTC124E_SERIES v.6
PDTC124E_SERIES v.6
20030414
Product specification
-
-
PDTC124EM
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
27 October 2022
10 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com