Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC143EM Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PDTC143EM
Description  50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143EM Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PDTC143EM Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC143EM Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC143EM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC143EM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC143EM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC143EM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC143EM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143EM Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC143EM Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Nexperia
PDTC143EM
50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
006aac833
IC (mA)
10-1
102
10
1
1
10
VI(on)
(V)
10-1
(1)
(2)
(3)
VCE = 0.3 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 5. On-state input voltage as a function of collector
current; typical values
IC (mA)
10-1
10
1
006aac834
1
10
VI(off)
(V)
10-1
(1)
(2)
(3)
VCE = 5 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 6. Off-state input voltage as a function of collector
current; typical values
VCB (V)
0
50
40
20
30
10
006aac835
1
2
3
Cc
(pF)
0
f = 1 MHz; Tamb = 25 °C
Fig. 7. Collector capacitance as a function of collector-
base voltage; typical values
006aac757
IC (mA)
10-1
102
10
1
102
103
fT
(MHz)
10
VCE = 5 V; Tamb = 25 °C
Fig. 8. Transition frequency as a function of collector
current; typical values of built-in transistor
PDTC143EM
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 April 2023
6 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com