Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDZ2.4B Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PDZ2.4B
Description  Single Zener diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDZ2.4B Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PDZ2.4B Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDZ2.4B Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDZ2.4B Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDZ2.4B Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDZ2.4B Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDZ2.4B Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDZ2.4B Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDZ2.4B Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDZ2.4B Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Nexperia
PDZ-B series
Single Zener diodes
0
50
100
200
Tamb (°C)
Ptot
(mW)
500
400
300
100
0
200
150
mbk245
FR4 PCB, standard footprint
Fig. 1. Power derating curve
VF (V)
0.6
1
0.8
mbg781
100
200
300
IF
(mA)
0
Tj = 25 °C
Fig. 2. Forward current as a function of forward
voltage; typical values
0
60
0
- 2
- 3
- 1
mgl273
20
40
IZ (mA)
SZ
(mV/K)
4.3
3.9
3.6
3.3
3.0
2.4
2.7
PDZ2.4B to PDZ4.3B
Tj = 25 °C to 150 °C
Fig. 3. Temperature coefficient as a function of
working current; typical values
0
20
16
10
0
- 5
5
mgl274
4
8
12
IZ (mA)
SZ
(mV/K)
4.7
12
11
10
9.1
8.2
7.5
6.8
6.2
5.6
5.1
PDZ4.7B to PDZ12B
Tj = 25 °C to 150 °C
Fig. 4. Temperature coefficient as a function of
working current; typical values
PDZ-B_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 5 — 21 December 2022
5 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com