Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMB2 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PEMB2
Description  PNP/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMB2 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PEMB2 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PEMB2_PUMB2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
6 of 14
NXP Semiconductors
PEMB2; PUMB2
PNP/PNP resistor-equipped transistors; R1 = 47 k
, R2 = 47 k
7.
Characteristics
[1]
Characteristics of built-in transistor
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base cut-off
current
VCB = 50 V; IE =0A
-
-
100 nA
ICEO
collector-emitter cut-off
current
VCE = 30 V; IB =0A
-
-
1
A
VCE = 30 V; IB =0A;
Tj =150 C
--
5
A
IEBO
emitter-base cut-off
current
VEB = 5V; IC =0A
-
-
90
A
hFE
DC current gain
VCE = 5V; IC = 5mA
80
-
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
-
150 mV
VI(off)
off-state input voltage
VCE = 5V; IC = 100 A-
1.2
0.8
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 2mA
3
1.6
-
V
R1
bias resistor 1 (input)
33
47
61
k
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance
VCB = 10 V; IE =ie =0A;
f=1MHz
--
3
pF
fT
transition frequency
VCE = 5V; IC = 10 mA;
f=100MHz
[1]
-
180
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com