Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDZ10B Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PDZ10B
Description  Single Zener diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDZ10B Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PDZ10B Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Nexperia
PDZ-B series
Single Zener diodes
Table 8. Characteristics per type; PDZ2.4B to PDZ36B
Tj = 25 °C unless otherwise specified.
Working
voltage
VZ (V);
IZ = 5 mA
Maximum differential
resistance
rdif (Ω)
Reverse
current
IR (μA)
Temperature
coefficient
SZ (mV/K);
IZ = 5 mA
Diode
capacitance
Cd (pF)[1]
Non-
repetitive
peak reverse
current
IZSM (A)[2]
Type
Min
Max
IZ = 0.5 mA IZ = 5 mA Max
VR (V) Typ
Max
Max
PDZ2.4B
2.43
2.63
1000
100
50
1.0
−1.6
450
8.0
PDZ2.7B
2.69
2.91
1000
100
20
1.0
−2.0
440
8.0
PDZ3.0B
2.85
3.07
1000
95
10
1.0
−2.1
425
8.0
PDZ3.3B
3.32
3.53
1000
95
5
1.0
−2.4
410
8.0
PDZ3.6B
3.60
3.85
500 @ 1 mA 90
5
1.0
−2.4
390
8.0
PDZ3.9B
3.89
4.16
500 @ 1 mA 90
3
1.0
−2.5
370
8.0
PDZ4.3B
4.17
4.48
600 @ 1 mA 90
3
1.0
−2.5
350
8.0
PDZ4.7B
4.55
4.75
600 @ 1 mA 90
2
1.0
−1.4
325
8.0
PDZ5.1B
4.96
5.20
250
60
2
1.5
0.3
300
5.5
PDZ5.6B
5.48
5.73
100
50
1
2.5
1.9
275
5.5
PDZ6.2B
6.06
6.33
80
50
0.5
3.0
2.7
250
5.5
PDZ6.8B
6.65
6.93
60
40
0.5
3.5
3.4
215
5.5
PDZ7.5B
7.28
7.60
60
10
0.5
4.0
4.0
170
3.5
PDZ8.2B
8.02
8.36
60
10
0.5
5.0
4.6
150
3.5
PDZ9.1B
8.85
9.23
60
10
0.5
6.0
5.5
120
3.5
PDZ10B
9.77
10.21 60
10
0.1
7.0
6.4
110
3.5
PDZ11B
10.78 11.22 60
10
0.1
8.0
7.4
108
3.0
PDZ12B
11.74 12.24 80
10
0.1
9.0
8.4
105
3.0
PDZ13B
12.91 13.49 80
10
0.1
10.0
9.4
103
2.5
PDZ15B
14.34 14.98 80
15
0.05
11.0
11.4
99
2.0
PDZ16B
15.85 16.51 80
20
0.05
12.0
12.4
97
1.5
PDZ18B
17.56 18.35 80
20
0.05
13.0
14.4
93
1.5
PDZ20B
19.52 20.39 100
20
0.05
15.0
16.4
88
1.5
PDZ22B
21.54 22.47 100
25
0.05
17.0
18.4
84
1.3
PDZ24B
23.72 24.78 120
30
0.05
19.0
20.4
80
1.3
PDZ27B
26.19 27.53 150
40
0.05
21.0
23.4
73
1.0
PDZ30B
29.19 30.69 200
40
0.05
23.0
26.6
66
1.0
PDZ33B
32.15 33.79 250
40
0.05
25.0
29.7
60
0.9
PDZ36B
35.07 36.87 300
60
0.05
27.0
33.0
59
0.8
[1] f = 1 MHz; VR = 0 V.
[2] tp = 100 μs; Tamb = 25 °C.
PDZ-B_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 5 — 21 December 2022
4 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com