Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLJ5.0 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SMLJ5.0
Description  SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMLJ5.0 Datasheet(HTML) 4 Page - Microsemi Corporation

  SMLJ5.0 Datasheet HTML 1Page - Microsemi Corporation SMLJ5.0 Datasheet HTML 2Page - Microsemi Corporation SMLJ5.0 Datasheet HTML 3Page - Microsemi Corporation SMLJ5.0 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURFACE MOUNT 3000 Watt
Transient Voltage Suppressor
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4
Copyright
© 2009
SA3-47, REV K, 5-24-2009
S C O T TS DALE DIVISION
SMLJ5.0 thru SMLJ170CA, e3
and SMLG5.0 thru SMLG170CA, e3
GRAPHS
FIGURE 2
– PULSE WAVEFORM
100
10
1.0
0
(Waveform – See Figure 2)
Non-repetitive
Test wave form
parameterxs
tr = 10
μsec.
tp = 1000
μsec.
tp – Pulse Time – sec
1
μs
10
μsec
100
μsec
1ms
10ms
FIGURE 1 –
Peak Pulse Power vs. Pulse Time
PAD LAYOUT
INCHES
mm
A
.390
9.90
B
.110
2.79
C
.150
3.81
INCHES
mm
A
0.510
12.95
B
0.110
2.79
C
0.150
3.81
TL Lead Temperature
oC
BV: Breakdown Voltage in Volts
FIGURE 3 –
Derating Curve
FIGURE 4
Typical Capacitance vs.
SMLJ
SMLG
Breakdown Voltage
PACKAGE DIMENSIONS
DO-214AB
DO-215AB
DIMENSIONS IN INCHES
A
B
C
D
E
F
K
L
MIN
.115 .260 .220 .305 .077 .380
.025
.030
MAX
.121 .280 .245 .320 .104 .400
.040
.060
DIMENSIONS IN MILLIMETERS
MIN
2.92 6.60 5.59 7.75 1.95 9.65
0.635 .760
MAX
3.07 7.11 6.22 8.13 2.65 10.16 1.016 1.520
Typical Standoff Height: 0.004” – 0.008” (0.1mm – 0.2mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com