Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856BSH Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BC856BSH
Description  65 V, 100 mA PNP/PNP general-purpose double transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856BSH Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BC856BSH Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC856BSH Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC856BSH Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856BSH Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856BSH Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856BSH Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856BSH Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856BSH Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856BSH Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
BC856BSH
65 V, 100 mA PNP/PNP general-purpose double transistor
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
V(BR)CBO
collector-base
breakdown voltage
IC = -100 µA; IE = 0 A; Tamb = 25 °C
-80
-
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = -2 mA; IB = 0 A; Tamb = 25 °C
-65
-
-
V
V(BR)EBO
emitter-base
breakdown voltage
IC = 0 A; IE = -100 µA; Tamb = 25 °C
-7
-
-
V
VCB = -30 V; IE = 0 A; Tamb = 25 °C
-
-
-15
nA
ICBO
collector-base cut-off
current
VCB = -30 V; IE = 0 A; Tj = 150 °C
-
-
-5
µA
IEBO
emitter-base cut-off
current
VEB = -7 V; IC = 0 A; Tamb = 25 °C
-
-
-100
nA
hFE
DC current gain
VCE = -5 V; IC = -2 mA; Tamb = 25 °C
200
300
450
IC = -10 mA; IB = -0.5 mA; Tamb = 25 °C
-
-50
-100
mV
VCEsat
collector-emitter
saturation voltage
IC = -100 mA; IB = -5 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-200
-300
mV
IC = -10 mA; IB = -0.5 mA; Tamb = 25 °C [1]
-
-750
-850
mV
VBEsat
base-emitter saturation
voltage
IC = -100 mA; IB = -5 mA; Tamb = 25 °C
-
-875
-
mV
VCE = -5 V; IC = -2 mA; Tamb = 25 °C
[2]
-600
-655
-700
mV
VBE
base-emitter voltage
VCE = -5 V; IC = -10 mA; Tamb = 25 °C
[2]
-
-705
-770
mV
Cc
collector capacitance
VCB = -10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
1.8
-
pF
Ce
emitter capacitance
VEB = -0.5 V; IC = 0 A; ic = 0 A;
f = 1 MHz; Tamb = 25 °C
-
8.5
-
pF
fT
transition frequency
VCE = -5 V; IC = -10 mA; f = 100 MHz;
Tamb = 25 °C
100
-
-
MHz
VCE = -5 V; IC = -0.2 mA; RS = 2 kΩ; f =
10 Hz to 15.7 kHz; Tamb = 25 °C
-
1.7
-
dB
NF
noise figure
VCE = -5 V; IC = -0.2 mA; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz; Tamb = 25 °C
-
3.3
-
dB
[1] VBEsat decreases by about 1.7 mV/K with increasing temperature.
[2] VBE decreases by about 2 mV/K with increasing temperature.
BC856BSH
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
22 March 2021
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com