Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856S Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BC856S
Description  65 V, 100 mA PNP/PNP general-purpose transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856S Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BC856S Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Nexperia
BC856S
65 V, 100 mA PNP/PNP general-purpose transistor
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
[1]
-
-
568
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[2]
-
-
500
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
230
K/W
Per device
[1]
-
-
416
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[2]
-
-
313
K/W
[1] Device mounted on an FR4 PCB, single-sided, 35 μm copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided, 35 μm copper, tin-plated, mounting pad for collector 1 cm².
006aab420
10- 5
10
10- 2
10- 4
102
10- 1
tp (s)
10- 3
103
1
102
10
103
Zth(j-a)
(K/W)
1
δ = 1
0.75
0.50
0.33
0.10
0.05
0.02
0.01
0
0.20
FR4 PCB, single-sided, 35 μm copper, tin-plated and standard footprint
Fig. 2. Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
006aab421
10- 5
10
10- 2
10- 4
102
10- 1
tp (s)
10- 3
103
1
102
10
103
Zth(j-a)
(K/W)
1
δ = 1
0.75
0.50
0.33
0.10
0.05
0.02
0.01
0.20
0
FR4 PCB, single-sided, 35 μm copper, tin-plated, mounting pad for collector 1 cm2
Fig. 3. Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
BC856S
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
1 July 2022
4 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com