Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856SH Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC856SH
Description  65 V, 100 mA PNP/PNP general-purpose double transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856SH Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC856SH Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Nexperia
BC856SH
65 V, 100 mA PNP/PNP general-purpose double transistor
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
E1
emitter TR1
2
B1
base TR1
3
C2
collector TR2
4
E2
emitter TR2
5
B2
base TR2
6
C1
collector TR1
1
3
2
4
5
6
TSSOP6 (SOT363)
sym138
B1
E1
C2
B2
C1
TR1
TR2
E2
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BC856SH
TSSOP6
plastic, surface-mounted package; 6 leads; 0.65 mm pitch;
2.1 mm x 1.25 mm x 0.95 mm body
SOT363
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
BC856SH
7F%
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
-80
V
VCEO
collector-emitter voltage open base
-
-65
V
VEBO
emitter-base voltage
open collector
-
-7
V
IC
collector current
-
-100
mA
ICM
peak collector current
-
-200
mA
IBM
peak base current
single pulse; tp ≤ 1 ms
-
-200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
270
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
400
mW
Tj
junction temperature
-
175
°C
Tamb
ambient temperature
-55
175
°C
Tstg
storage temperature
-65
175
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided, 35 µm copper, tin-plated and standard footprint.
BC856SH
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
22 March 2021
2 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com