Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD301A Datasheet(PDF) 17 Page - Microchip Technology

Part # UPD301A
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A Datasheet(HTML) 17 Page - Microchip Technology

Back Button UPD301A Datasheet HTML 13Page - Microchip Technology UPD301A Datasheet HTML 14Page - Microchip Technology UPD301A Datasheet HTML 15Page - Microchip Technology UPD301A Datasheet HTML 16Page - Microchip Technology UPD301A Datasheet HTML 17Page - Microchip Technology UPD301A Datasheet HTML 18Page - Microchip Technology UPD301A Datasheet HTML 19Page - Microchip Technology UPD301A Datasheet HTML 20Page - Microchip Technology UPD301A Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 17
UPD301A
4.2
Power States
The device supports the following power states, as defined in their respective sub-sections:
• STANDBY
• ATTACHED IDLE
• ACTIVE
4.2.1
STANDBY
STANDBY is the lowest power functional state of the device. The majority of the device is powered off in this state. The
internal CC comparator and 20 KHz oscillator are enabled in this state as well as requisite analog components (1.8V
LDO, PORs, Biases, etc).
The CC lines are constantly monitored for an attach condition which shall result in an interrupt assertion to the host. If
an attachment has been made, this state can detect a change in the partner’s advertisement as well as a detach.
STANDBY is the power state that the UPD301A device will be in when in USB Type-C™ Unattached.SRC.
4.2.2
ATTACHED IDLE
In this state, a USB Type-C™ device is connected and the USB PD bus is idle (no USB packets in transit). The CC
signals are constantly being monitored for packet transmission.
4.2.3
ACTIVE
This state defines the condition of the device after an attachment occurred. In this state, Power Delivery communication
is supported. This state is also used for any condition in which the 48 MHz Relaxation Oscillator must be enabled, such
as when it is desired to debounce a GPIO within the micro-second range.
When transmitting a Power Delivery packet, an additional 5 mA may be consumed. Additional power consumption
results from enabling the OCS comparator, VBUS comparator and other modules. When VCONN FETs are enabled,
there is an additional 70 mW of power consumption.
This section details the functions that control and monitor the CC pins, monitor the VBUS_DET pin, control the VCONN
FETs, and sample the CFG_SEL pin.
4.3
Cable Plug Orientation and Detection
4.3.1
CC COMPARATOR
The device integrates a comparator and DAC circuit to implement Type-C attach and detach functions. It supports up
to eight programmable thresholds for attach detection between UFP and DFP. When operating as a UFP, the device
supports detecting changes in the DFP’s advertised thresholds to determine current sourcing capability. The default
nominal values for the thresholds detected by the CC comparators are:
• 0.20 V
• 0.40 V
• 0.66 V
• 0.80 V
• 1.23 V
• 1.60 V
• 2.60 V
• 3.0 V Proprietary Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com