Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD301A/KYX Datasheet(PDF) 22 Page - Microchip Technology

Part # UPD301A/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A/KYX Datasheet(HTML) 22 Page - Microchip Technology

Back Button UPD301A/KYX Datasheet HTML 18Page - Microchip Technology UPD301A/KYX Datasheet HTML 19Page - Microchip Technology UPD301A/KYX Datasheet HTML 20Page - Microchip Technology UPD301A/KYX Datasheet HTML 21Page - Microchip Technology UPD301A/KYX Datasheet HTML 22Page - Microchip Technology UPD301A/KYX Datasheet HTML 23Page - Microchip Technology UPD301A/KYX Datasheet HTML 24Page - Microchip Technology UPD301A/KYX Datasheet HTML 25Page - Microchip Technology UPD301A/KYX Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
UPD301A
DS00002838B-page 22
 2018-2019 Microchip Technology Inc.
4.5
Power Delivery MAC
The PD MAC implements certain features of the protocol layer and physical layer of the Universal Serial Bus Power
Delivery Specification. On one end the PD MAC interfaces to the software implementing the bulk of protocol and higher
level layers and on the other end it interfaces to a BMC encoder / decoder module.
In addition to the normal TX and RX functions, the PD MAC implements the test mode logic defined in the USB PD
specification (BIST).
The PD MAC supports the following features:
• Automatic TX Mode for packet framing and CRC32 insertion.
• Raw TX Mode for bit level packet control.
• Automatic GoodCRC response to received messages.
• Automatic BIST Error Count Message in BIST RX Mode.
• GoodCRCTimer implementation.
• Automatic retries with programmable retry count.
• Redundant receive packets automatically dropped in auto response mode.
• 74 byte TX queue.
• 128 byte RX queue.
• Programmable TX Bit-time. Allows for changing operating frequency.
• Programmable preamble length.
• BIST TX and RX logic.
• Programmable TX and RX queue modes - buffer mode and FIFO mode.
• CRC32 generator for TX.
• CRC32 calculator and comparator for RX.
4.5.1
PD MAC TRANSMITTER
The PD MAC transmitter is comprised of three major blocks:
• TX Queue:
The TX Queue is where software loads the message to be transmitted.
• TX Control:
The TX Control implements the necessary control logic. It is responsible for reading the data from the TX queue
and based on the data processing mode (automatic or raw), processing the data to make it suitable (nibbles with
control information) for use by the TX Comm. It is also responsible for generating packet framing and terminating
the packet in automatic mode, and generating messages for automatic response (GoodCRC and BIST Error
Count). TX Control also handles the selection of the SOP type that is to be transmitted.
• TX Comm:
The TX Comm is comprised of a TX CRC generator, a 4b5b encoder, serializer, preamble generator, and TX bit
timer. It takes the nibble data, computes and inserts the CRC, 5b encodes, and generates the baseband serial
data. Preamble insertion is also performed by this logic.
4.5.2
PD MAC RECEIVER
The PD MAC receiver is comprised of three major blocks:
• RX Queue:
The RX Queue is where software reads the received messages.
• RX Control:
The RX Control implements the necessary control logic. It is responsible for validating the received packet, updat-
ing the RX Queue status, and triggering automatic responses, if required.
• RX Comm:
The RX Comm is comprised of the Clock and Data Recovery (CDR), RX DES (de-serializer) (serial-to-parallel
converter, 4b5b decoder, and framing detector), RX CRC32 (CRC calculator, receive timer), and other logic to
detect valid packet reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com