Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD301AT/KYX Datasheet(PDF) 7 Page - Microchip Technology

Part # UPD301AT/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301AT/KYX Datasheet(HTML) 7 Page - Microchip Technology

Back Button UPD301AT/KYX Datasheet HTML 3Page - Microchip Technology UPD301AT/KYX Datasheet HTML 4Page - Microchip Technology UPD301AT/KYX Datasheet HTML 5Page - Microchip Technology UPD301AT/KYX Datasheet HTML 6Page - Microchip Technology UPD301AT/KYX Datasheet HTML 7Page - Microchip Technology UPD301AT/KYX Datasheet HTML 8Page - Microchip Technology UPD301AT/KYX Datasheet HTML 9Page - Microchip Technology UPD301AT/KYX Datasheet HTML 10Page - Microchip Technology UPD301AT/KYX Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 7
UPD301A
2.0
INTRODUCTION
2.1
General Description
The UPD301A is a stand-alone, small form factor USB Type-C™ Power Delivery (PD) Port Controller designed to
adhere to the USB Type-C™ Cable and Connector Specification and USB Power Delivery 3.0 Specification. The
UPD301A provides stand-alone operation for source PD applications, enabling cable plug orientation and detection for
a USB Type-C receptacle, and implementing baseband communication with a partner USB Type-C device via the inte-
grated USB Power Delivery 3.0 MAC.
The embedded 32-bit ARM Cortex-M0+ implements a full Power Delivery firmware stack, providing a turn-key solution
for USB-C™ power-only applications, and requiring minimal customer development. Configuration is supported via pin
straps to select source functionality and PD power profiles. Optionally, a second PD port is supported via SPI connection
of an external Microchip UPD350.
Additionally, the UPD301A integrates many of the analog discrete components required for USB Type-C PD applica-
tions, including two VCONN FETs with Rp/Rd switching and current/voltage sense circuitry for over-voltage/current
detection. By integrating the PD firmware and many of the analog discrete components required for USB Type-C PD
applications, the UPD301A provides a low cost, stand-alone, fast time-to-market solution for consumer, industrial, and
automotive applications.
The UPD301A is available in commercial (0°C to +70°C) and industrial/automotive grade 3 (-40°C to +85°C) tempera-
ture ranges. For ordering information, refer to the Product Identification System on page 38.
2.2
Example Applications
The UPD301A has been designed for multiple applications, including:
• Source-Only Applications (E.G., Charging Ports)
• Two-Port Applications (E.G., Automotive Rear Seat Charging)
2.2.1
SOURCE-ONLY APPLICATIONS (E.G., CHARGING PORTS)
The simplest UPD301A application is a power source (Source-Only), as shown in Figure 2-1. Using the device config-
uration straps, various PD parameters/options can be configured. The integrated DAC configures the DC-DC converter,
selecting the output voltage, and controls the load switch to regulate and protect the output voltage. The load switch can
also be replaced by discrete FETs and over-current / over-voltage protection circuits.
Note:
Single-Port Source and Dual-Port Source modes are the only supported modes of operation.
FIGURE 2-1:
SYSTEM BLOCK DIAGRAM - SOURCE-ONLY APPLICATION
Microchip
UPD301A
CC1
CC2
VBUS
60W Load 
Switch
DC In
Configuration 
Straps
Load Switch
DC‐DC 
Converter
BOOT_SEL
DC_DC_SEL
PDP_SEL0
PDP_SEL1
I2C_ADDR_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com