Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6084AIM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6084AIM
Description  Precision CMOS Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6084AIM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6084AIM Datasheet HTML 1Page - National Semiconductor (TI) LMC6084AIM Datasheet HTML 2Page - National Semiconductor (TI) LMC6084AIM Datasheet HTML 3Page - National Semiconductor (TI) LMC6084AIM Datasheet HTML 4Page - National Semiconductor (TI) LMC6084AIM Datasheet HTML 5Page - National Semiconductor (TI) LMC6084AIM Datasheet HTML 6Page - National Semiconductor (TI) LMC6084AIM Datasheet HTML 7Page - National Semiconductor (TI) LMC6084AIM Datasheet HTML 8Page - National Semiconductor (TI) LMC6084AIM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 5V, V−
= 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
Typ
LMC6084AM
LMC6084AI
LMC6084I
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Limit
Units
(Note 6)
(Note 6)
(Note 6)
V
O
Output Swing
V
+ = 5V
4.87
4.80
4.80
4.75
V
R
L =2k
Ω to 2.5V
4.70
4.73
4.67
Min
0.10
0.13
0.13
0.20
V
0.19
0.17
0.24
Max
V
+ = 5V
4.61
4.50
4.50
4.40
V
R
L = 600
Ω to 2.5V
4.24
4.31
4.21
Min
0.30
0.40
0.40
0.50
V
0.63
0.50
0.63
Max
V
+ = 15V
14.63
14.50
14.50
14.37
V
R
L =2k
Ω to 7.5V
14.30
14.34
14.25
Min
0.26
0.35
0.35
0.44
V
0.48
0.45
0.56
Max
V
+ = 15V
13.90
13.35
13.35
12.92
V
R
L = 600
Ω to 7.5V
12.80
12.86
12.44
Min
0.79
1.16
1.16
1.33
V
1.42
1.32
1.58
Max
I
O
Output Current
Sourcing, V
O =0V
22
16
16
13
mA
V
+ =5V
810
8
Min
Sinking, V
O =5V
21
16
16
13
mA
11
13
10
Min
I
O
Output Current
Sourcing, V
O =0V
30
28
28
23
mA
V
+ = 15V
18
22
18
Min
Sinking, V
O = 13V
34
28
28
23
mA
(Note 11)
19
22
18
Min
I
S
Supply Current
All Four Amplifiers
1.8
3.0
3.0
3.0
mA
V
+ = +5V, V
O = 1.5V
3.6
3.6
3.6
Max
All Four Amplifiers
2.2
3.4
3.4
3.4
mA
V
+ = +15V, V
O = 7.5V
4.0
4.0
4.0
Max
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com