Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC377 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC377
Description  Octal D-type flip-flop with data enable; positive-edge trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC377 Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC377 Datasheet HTML 1Page - NXP Semiconductors 74LVC377 Datasheet HTML 2Page - NXP Semiconductors 74LVC377 Datasheet HTML 3Page - NXP Semiconductors 74LVC377 Datasheet HTML 4Page - NXP Semiconductors 74LVC377 Datasheet HTML 5Page - NXP Semiconductors 74LVC377 Datasheet HTML 6Page - NXP Semiconductors 74LVC377 Datasheet HTML 7Page - NXP Semiconductors 74LVC377 Datasheet HTML 8Page - NXP Semiconductors 74LVC377 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVC377
Octal D-type flip-flop with data enable;
positive-edge trigger
1998 Jul 29
5
AC CHARACTERISTICS
GND = 0V; tr = tf = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MIN
TYP
MAX
tPHL
tPLH
Propagation delay
CP to Qn
1
6.0
10.2
6.6
11.2
ns
tW
Clock pulse width
HIGH or LOW
1
4
1.0
5
1.6
ns
tsu
Set-up time
E to CP
2
4
2.3
5
2.9
ns
th
Hold time
E to CP
2
0
–2.2
0
–2.8
ns
tsu
Set-up time
Dn to CP
3
2
1.3
3
1.8
ns
th
Hold time
Dn to CP
3
0
–1.2
0
–1.6
ns
fmax
Maximum clock
pulse frequency
1
125
100
MHz
NOTE:
1. Unless otherwise stated, all typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V.
VM = 0.5 VCC at VCC t 2.7V.
VOL and VOH are the typical output voltage drop that occur with the output load.
VM
VM
1/fMAX
tw
tPHL
tPLH
CP INPUT
Qn OUTPUT
SW00078
GND
VOH
VOL
VI
Waveform 1. Clock (CP) to output (Qn) propagation delays the
clock pulse width and the maximum clock pulse frequency.
SY00061
NOTE: The shaded areas indicate when the input is permitted to change
for predictable output performance.
VM
th
th
VCC
E Input
GND
VM
tsu
tsu
STABLE
tsu
th
VM
tW
VCC
VCC
Dn Input
CP Input
GND
GND
Waveform 2. Data set-up and hold times from the data input
(Dn) and from the enable
input (E) to the clock (CP).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com