Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC544AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC544AD
Description  Octal D-type registered transceiver, inverting 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC544AD Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC544AD Datasheet HTML 1Page - NXP Semiconductors 74LVC544AD Datasheet HTML 2Page - NXP Semiconductors 74LVC544AD Datasheet HTML 3Page - NXP Semiconductors 74LVC544AD Datasheet HTML 4Page - NXP Semiconductors 74LVC544AD Datasheet HTML 5Page - NXP Semiconductors 74LVC544AD Datasheet HTML 6Page - NXP Semiconductors 74LVC544AD Datasheet HTML 7Page - NXP Semiconductors 74LVC544AD Datasheet HTML 8Page - NXP Semiconductors 74LVC544AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC544A
Octal D-type registered transceiver, inverting
(3-State)
2
1998 Jul 29
853-2107 19804
FEATURES
• Wide supply voltage range of 1.2V to 3.6V
• In accordance with JEDEC standard no. 8-1A
• CMOS low power consumption
• Direct interface with TTL levels
• Combines 74LVC640 and 74LVC533 type functions in one chip
• Octal transceiver with D-type latch
• Back-to-back registers for storage
• Separate controls for data flow in each direction
• 3-State inverting outputs for bus oriented applications
• 5 Volt tolerant inputs/outputs, for interfacing with 5 Volt logic
DESCRIPTION
The 74LVC544A is a high performance, low-power, low-voltage
Si-gate CMOS device and superior to most advanced CMOS
compatible TTL families.
Inputs can be driven from either 3.3V or 5.0V devices. In 3-State
operation, outputs can handle 5V. This feature allows the use of
these devices as translators in a mixed 3.3V/5V environment.
The 74LVC544A is an octal registered inverting transceiver
containing two sets of D-type latches for temporary storage of the
data flow in either direction. Separate latch enable (LEAB, LEBA)
and output enable (OEAB, OEBA) inputs are provided for each
register to permit independent control of inputting and outputting in
either direction of the data flow.
The ‘544A’ contains eight D-type latches with separate inputs and
controls for each set. For data flow from A to B, for example, the
A-to-B enable (EAB) input must be LOW in order to enter data from
A0–A7 or take data from B0–B7, as indicated in the function table.
With EAB LOW, a LOW signal on the A-to-B latch enable (LEAB)
input makes the A-to-B latches transparent; a subsequent
LOW-to-HIGH transition of the LEAB signal puts the A data into the
latches where it is stored and the B outputs no longer change with
the A inputs. With EAB and OEAB both LOW, the 3-State B output
buffers are active and display the data present at the outputs of the
A latches.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
An to Bn
CL = 50pF
VCC = 3.3V
4
ns
CI
Input capacitance
5.0
pF
CI/O
Input/output capacitance
10
pF
CPD
Power dissipation capacitance per latch
Notes 1, 2
30
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2 x fi )Σ (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
Σ (CL
VCC2
fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING AND PACKAGE INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PKG. DWG. #
24-Pin Plastic SO
–40
°C to +85°C
74LVC544A D
74LVC544A D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVC544A DB
74LVC544A DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVC544A PW
7LVC544APW DH
SOT355-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com