Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC574A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC574A
Description  Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC574A Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC574A Datasheet HTML 1Page - NXP Semiconductors 74LVC574A Datasheet HTML 2Page - NXP Semiconductors 74LVC574A Datasheet HTML 3Page - NXP Semiconductors 74LVC574A Datasheet HTML 4Page - NXP Semiconductors 74LVC574A Datasheet HTML 5Page - NXP Semiconductors 74LVC574A Datasheet HTML 6Page - NXP Semiconductors 74LVC574A Datasheet HTML 7Page - NXP Semiconductors 74LVC574A Datasheet HTML 8Page - NXP Semiconductors 74LVC574A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVC574A
Octal D-type flip-flop with 5-volt tolerant
inputs/outputs; positive edge-trigger (3-State)
1998 Jul 29
4
LOGIC DIAGRAM
Q
D
D0
Q0
D
D1
D
D2
D
D3
D
D4
D
D5
D
D6
D
D7
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CP
OE
QQ
Q
Q
Q
Q
Q
CP
CP
CP
CP
CP
CP
CP
CP
SA00404
FF1
FF2
FF3
FF4
FF5
FF6
FF7
FF8
FUNCTION TABLE
OPERATING MODES
INPUTS
INTERNAL FLIP-FLOPS
OUTPUTS
OPERATING MODES
OE
LE
Dn
INTERNAL FLIP-FLOPS
Q0 to Q7
Load and read register
L
L
°
°
l
h
L
H
L
H
Load register and
disable outputs
H
H
°
°
l
h
L
H
Z
Z
H = HIGH voltage level
h
= HIGH voltage level one setup time prior to the LOW-to-HIGH CP transition
L
= LOW voltage level
l
= LOW voltage level one setup time prior to the LOW-to-HIGH CP transition
Z = High impedance OFF-state
° = LOW-to-HIGH clock transition
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage (for max. speed performance)
2.7
3.6
V
VCC
DC supply voltage (for low-voltage applications)
1.2
3.6
V
VI
DC Input voltage range
0
5.5
V
VO
DC output voltage range; output HIGH or LOW
state
0
VCC
V
O
DC output voltage range; output 3-State
0
5.5
Tamb
Operating ambient temperature range in free-air
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 1.2 to 2.7V
VCC = 2.7 to 3.6V
0
0
20
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com