Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC646A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC646A
Description  Octal bus transceiver/register 3-State
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC646A Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC646A Datasheet HTML 1Page - NXP Semiconductors 74LVC646A Datasheet HTML 2Page - NXP Semiconductors 74LVC646A Datasheet HTML 3Page - NXP Semiconductors 74LVC646A Datasheet HTML 4Page - NXP Semiconductors 74LVC646A Datasheet HTML 5Page - NXP Semiconductors 74LVC646A Datasheet HTML 6Page - NXP Semiconductors 74LVC646A Datasheet HTML 7Page - NXP Semiconductors 74LVC646A Datasheet HTML 8Page - NXP Semiconductors 74LVC646A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
74LVC646A
Octal bus transceiver/register (3-State)
1998 Jul 29
3
PIN CONFIGURATION
SV00766
1
2
3
4
5
6
7
8
9
10
11
12
CP AB
S AB
DIR
A 0
A 1
A 2
A 3
A 4
A 5
A 6
A 7
GND
V CC
CP BA
S BA
OE
B 0
B 1
B 2
B 3
B 4
B 5
B 6
B 7
24
23
22
21
20
19
18
17
16
15
14
13
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
CPAB
‘A’ to ‘B’ clock input
(LOW-to-HIGH, edge-triggered)
2
SAB
Select ‘A’ to ‘B’ source input
3
DIR
Direction control input
4, 5, 6, 7, 8,
9, 10, 11
A0 to A7
‘A’ data inputs/outputs
12
GND
Ground (0V)
20, 19, 18, 17,
16, 15, 14, 13
B0 to B7
‘B’ data inputs/outputs
21
OE
Output enable input (active LOW)
22
SBA
Select ‘B’ to ‘A’ source input
23
CPBA
‘B’ to ‘A’ clock input
(LOW-to-HIGH, edge-triggered)
24
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
DATA I/O *
FUNCTION
OE
DIR
CPAB
CPBA
SAB
SBA
A0 to A7
B0 to B7
FUNCTION
X
X
X
X
↑
X
X
↑
X
X
X
X
input
un *
un *
input
store A, B unspecified *
store B, A unspecified *
H
H
X
X
↑
H or L
↑
H or L
X
X
X
X
input
input
store A and B data,
isolation hold storage
L
L
L
L
X
X
X
H or L
X
X
L
H
output
input
real-time B data to A bus
stored B data to A bus
L
L
H
H
X
H or L
X
X
L
H
X
X
input
output
real-time A data to B bus
stored A data to B bus
*
The data output functions may be enabled or disabled by
various signals at the OE and DIR inputs. Data input
functions are always enabled, i.e., data at the bus inputs will
be stored on every LOW-to-HIGH transition on the clock
inputs.
un
= unspecified
H
= HIGH voltage level
L
= LOW voltage level
X
= Don’t care
↑
= LOW-to-HIGH level transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com