Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC652 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC652
Description  Octal transceiver/register with dual enable 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC652 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC652 Datasheet HTML 1Page - NXP Semiconductors 74LVC652 Datasheet HTML 2Page - NXP Semiconductors 74LVC652 Datasheet HTML 3Page - NXP Semiconductors 74LVC652 Datasheet HTML 4Page - NXP Semiconductors 74LVC652 Datasheet HTML 5Page - NXP Semiconductors 74LVC652 Datasheet HTML 6Page - NXP Semiconductors 74LVC652 Datasheet HTML 7Page - NXP Semiconductors 74LVC652 Datasheet HTML 8Page - NXP Semiconductors 74LVC652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74LVC652
Octal transceiver/register with dual enable (3-State)
2
1998 Jul 29
853-2104 19803
*FEATURES
Wide supply voltage range of 1.2V to 3.6V
In accordance with JEDEC standard no. 8-1A
CMOS low power consumption
Direct interface with TTL levels
5 Volt tolerant inputs/outputs, for interfacing with 5 Volt logic
DESCRIPTION
The 74LVC652 is a high performance, low-power, low-voltage
Si-gate CMOS device, superior to most advanced CMOS
compatible TTL families.
Inputs can be driven from either 3.3V or 5.0V devices. In 3-State
operation, outputs can handle 5V. This feature allows the use of
these devices as translators in a mixed 3.3V/5V environment.
The 74LVC652 consist of 8 non-inverting bus transceiver circuits
with 3-State outputs, D-type flip-flops and control circuitry arranged
for multiplexed transmission of data directly from the internal
registers. Data on the ‘A’ or ‘B’ or both buses, will be stored in the
internal registers, at the appropriate clock inputs (CPAB or CPBA)
regardless of the select inputs (SAB and SBA) or output enable
(OEAB and OEBA) control inputs. Depending on the select inputs
SAB and SBA data can directly go from input to output (real time
mode) or data can be controlled by the clock (storage mode), this is
when the OEn inputs this operating mode permits. The output
enable inputs OEAB and OEBA determine the operation mode of
the transceiver.
When OEAB is LOW, no data transmission from An to Bn is possible
and when OEBA is HIGH, there is no data transmission from Bn to
An possible. When SAB and SBA are in the real time transfer mode,
it is also possible to store data without using the internal D-type
flip-flops by simultaneously enabling OEAB and OEBA. In this
configuration each output reinforces its input.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
An to Bn; Bn to An
CL = 50pF
VCC = 3.3V
5.0
ns
fmax
Maximum clock frequency
150
MHz
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per latch
Notes 1, 2
45
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2 x fi )Σ (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
Σ (CL
VCC2
fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING AND PACKAGE INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PKG. DWG. #
24-Pin Plastic SO
–40
°C to +85°C
74LVC652 D
74LVC652 D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVC652 DB
74LVC652 DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVC652 PW
4LVC652PW DH
SOT355-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com