Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM21 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GRM21
Description  High Dielectric Constant Type 6.3/16/25/50V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GRM21 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GRM21 Datasheet HTML 5Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 6Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 7Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 8Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 9Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 10Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 11Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 12Page - List of Unclassifed Manufacturers GRM21 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
No.
Item
Specifications
Test Method
17
Durability
Apply 150% of the rated voltage for 1000
W/Y12 hours at the
maximum operating temperature
W/Y3D. Let sit for 48W/Y4
hours at room temperature, then measure.
The charge/ discharge current is less than 50mA.
#Initial measurement
Perform a heat treatment at 150
W0/Y10D for one hour and
then let sit for 48
W/Y4 hours at room temperature. Perform the
initial measurement.
#Measurement after test
Perform a heat treatment at 150
W0/Y10D for one hour and
then let sit for 48
W/Y4 hours at room temperature, then
measure.
Appearance
No defects or abnormalities
Capacitance
Change
B1, B3, R6, C7, C8 : Within
T12.5%
F1, F5 : Within
T30%
D.F.
B1, B3, R6, C7, C8 : 0.1 max.
F1, F5 : 0.4 max.
I.R.
More than 25
Ω • F
Continued from the preceding page.
16
High
Temperature
High
Humidity
(Steady)
Appearance
No defects or abnormalities
Capacitance
Change
B1, B3, R6, C7, C8 : Within
T12.5%
F1, F5 : Within
T30%
D.F.
B1, B3, R6, C7, C8 : 0.2 max.
F1, F5 : 0.4 max.
I.R.
More than 12.5
Ω • F
Apply the rated voltage at 40
W/Y2D and 90 to 95% humidity for
500
W/Y12 hours. The charge/discharge currentis less than
50mA.
#Initial measurement
Perform a heat treatment at 150
W0/Y10D for one hour and
then let sit for 48
W/Y4 hours at room temperature. Perform the
initial measurement.
#Measurement after test
Perform a heat treatment at 150
W0/Y10D for one hour and
then let sit for 48
W/Y4 hours at room temperature, then
measure.
More than 50
Ω • F
B1, B3, R6, C7, C8 : Within
T7.5%
F1, F5 : Within
T20%
B1, B3, R6, C7, C8 : 0.1 max.
F1, F5 : 0.2 max.
Resistance
to
Soldering
Heat
14
Preheat the capacitor at 120 to 150
D for 1 minute.
Immerse the capacitor in an eutectic solder solution at
270
W/Y5D for 10W/Y0.5 seconds. Set at room temperature for
24
W/Y2 hours (temperature compensating tyoe) or 48W/Y4
hours (high dielectric constant type), then measure.
#Initial measurement for high dielectric constant type
Perform a heat treatment at 150
W0/Y10D for one hour and
then set at room temperature for 48
W/Y4 hours.
Perform the initial measurement.
*Preheating for GRM32/43/55
Appearance
I.R.
No defects
Dielectric
Strength
Capacitance
Change
Q/D.F.
No defects or abnormalities
W 0
Temperature
Sudden
Change
15
Fix the capacitor to the supporting jig in the same manner and
under the same conditions as (10).
Perform the five cycles according to the four heat treatments
shown in the following table.
Set for 24
W/Y2 hours (temperature compensating type) or
48
W/Y4 hours (high dielectric constant type) at room
temperature, then measure.
#Initial measurement for high dielectric constant type
Perform a heat treatment at 150
W0/Y10D for one hour and
then set at room temperature for 48
W/Y4 hours.
Perform the initial measurement.
No defects or abnormalities
B1, B3, R6, C7, C8 : Within
T7.5%
F1, F5 : Within
T20%
Appearance
Capacitance
Change
More than 50
Ω • F
B1, B3, R6, C7, C8 : 0.1 max.
F1, F5 : 0.2 max.
I.R.
No defects
Dielectric
Strength
D.F.
Step
1234
Temp. (
D)
Time (min.)
Min.
Operating
Temp.
W0/Y3
Room
Temp.
Max.
Operating
Temp.
W3/Y0
Room
Temp.
30
T3
2 to 3
30
T3
2 to 3
Step
Temperature
Time
1
2
100
D to 120D
1 min.
170
D to 200D
1 min.
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification
before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification.
Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com