Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC74APWDH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC74APWDH
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC74APWDH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC74APWDH Datasheet HTML 2Page - NXP Semiconductors 74LVC74APWDH Datasheet HTML 3Page - NXP Semiconductors 74LVC74APWDH Datasheet HTML 4Page - NXP Semiconductors 74LVC74APWDH Datasheet HTML 5Page - NXP Semiconductors 74LVC74APWDH Datasheet HTML 6Page - NXP Semiconductors 74LVC74APWDH Datasheet HTML 7Page - NXP Semiconductors 74LVC74APWDH Datasheet HTML 8Page - NXP Semiconductors 74LVC74APWDH Datasheet HTML 9Page - NXP Semiconductors 74LVC74APWDH Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Dual D-type flip-flop with set and reset;
positive-edge trigger
Philips Semiconductors
Product Specification
74LVC74A
1998 Jun 17
6
AC WAVEFORMS
VM = 1.5 V at VCC w 2.7 V
VM = 0.5 S VCC at VCC < 2.7 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00489
VM
nD INPUT
nCP INPUT
nQ OUTPUT
nQ OUTPUT
VM
VM
VM
t su
t su
1/f max
t h
th
t PHL
t PHL
t PLH
t PLH
tW
GND
GND
VI
VI
VOL
VOL
VOH
VOH
NOTE: The shaded areas indicate when the inputis permitted to change for predictable
output performance.
Figure 1. Clock (nCP) to output (nQ, nQ) propagation delays,
clock pulse width, nD to nCP set-up times,
the nCP to nD hold times, output transition times
and maximum clock pulse frequency.
SV00490
VM
nCP INPUT
nS D INPUT
nR D INPUT
nQ OUTPUT
nQ OUTPUT
VM
VM
VM
trem
tPHL
tPLH
tW
tW
VM
tPHL
tPLH
GND
GND
GND
VI
VI
VI
VOL
VOL
VOH
VOH
Figure 2. Set (nSD) and reset (nRD) input to output (nQ, nQ)
propagation delays, the set and reset pulse widths
and the nRD to nCP removal time.
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
500
Ω
Open
GND
S1
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
2.7V
2.7–3.6V
50pF
500
Ω
2 * VCC
SV00903
Figure 3. Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com