Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC827AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC827AD
Description  10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC827AD Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC827AD Datasheet HTML 1Page - NXP Semiconductors 74LVC827AD Datasheet HTML 2Page - NXP Semiconductors 74LVC827AD Datasheet HTML 3Page - NXP Semiconductors 74LVC827AD Datasheet HTML 4Page - NXP Semiconductors 74LVC827AD Datasheet HTML 5Page - NXP Semiconductors 74LVC827AD Datasheet HTML 6Page - NXP Semiconductors 74LVC827AD Datasheet HTML 7Page - NXP Semiconductors 74LVC827AD Datasheet HTML 8Page - NXP Semiconductors 74LVC827AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LVC827A
10-bit buffer/line driver with 5-volt tolerant
inputs/outputs (3-State)
2
1998 Sep 04
853–2117 19969
FEATURES
• 5-volt tolerant inputs/outputs, for interfacing with 5-volt logic
• Supply voltage range of 2.7V to 3.6V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• Direct interface with TTL levels
• High impedance when V
CC = 0V
DESCRIPTION
The 74LVC827A is a high performance, low-power, low-voltage
Si-gate CMOS device and superior to most advanced CMOS
compatible TTL families.
Inputs can be driven from either 3.3V or 5.0V devices. In 3-state
operation, outputs can handle 5V. This feature allows the use of
these devices as translators in a mixed 3.3V/5V environment.
The 74LVC827A is a10-bit buffer/line driver with 3-State outputs The
3-State outputs are controlled by the output enable inputs OE1 and
OE2.
A HIGH on OEn causes the outputs to assume a high impedance
OFF-state.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
An to Yn
CL = 50 pF;
VCC = 3.3 V
4
ns
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per buffer
Notes 1 and 2
24
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
24-Pin Plastic SO
–40
°C to +85°C
74LVC827A D
74LVC827A D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVC827A DB
74LVC827A DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVC827A PW
7LVC827APW DH
SOT355-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 13
OE1, OE2
Output enable input
(active LOW)
2, 3, 4, 5, 6,
7, 8, 9, 10, 11
A0 to A9
Data inputs
12
GND
Ground (0 V)
23, 22, 21, 20,
19, 18, 17, 16,
15, 14
Y0 to Y9
Bus outputs
24
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUTS
OE1
OE2
An
Yn
L
L
L
L
L
L
H
H
X
H
X
Z
H
X
X
Z
H = HIGH voltage level
L
= LOW voltage level
X = Don’t care
Z = high impedance OFF-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com