Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTSR1260 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MTSR1260
Description  Super-Fast Recovery Diodes 12A FRD Pt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MTSR1260 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MTSR1260 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR1260 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR1260 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR1260 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
■Electrical Characteristics
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
MTSR1260/MTSR1260F
Thermal Resistance
Between junction and case
RθJ-C
℃
/W
4.0
Between junction and Air
RθJ-A
℃
/W
50
■Ordering Information (Example)
PREFERED P/N
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
Approximate 1.6
50
1000
5000
Tube
■Characteristics (Typical)
MTSR1260/MTSR1260F
Symbol
Test Conditions
Characteristic Values
typ.
max.
Unit
TVJ=25oC; VR=VRRM
TVJ=25oC; VR=0.8.VRRM
TVJ=125oC; VR=0.8.VRRM
20
10
1.5
uA
uA
mA
IR
IF= A; TVJ=150oC
T VJ=25oC
1.65
2.00
V
VF
RthJC
RthCK
RthJA
2.5
60
K/W
0.5
VR=350V; IF=9A; -diF/dt=64A/us; L<0.05uH; TVJ=100oC
trr
IF=1A; -di/dt=50A/us; VR=30V; TVJ=25oC
ns
IRM
2.8
A
23
VTO
For power-loss calculations only
0.98
V
rT
28.7
m
TVJ=TVJM
28
2.5
_
Fig. 7 Transient thermal impedance junction to case.
12
MTSR1260/MTSR1260F
ht
t
p
:
//
www.lgesemi.com
Revision:20230407-P2
mail:lge@lgesemi.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com