Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDXS2UT_SER Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PESDXS2UT_SER
Description  Double ESD protection diodes in SOT23 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXS2UT_SER Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PESDXS2UT_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESDXS2UT_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESDXS2UT_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESDXS2UT_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESDXS2UT_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESDXS2UT_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESDXS2UT_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXS2UT_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESDXS2UT_SER Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2004 Apr 15
5
NXP Semiconductors
Product data sheet
Double ESD protection diodes in SOT23
package
PESDxS2UT series
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VRWM
reverse stand-off voltage
PESD3V3S2UT
−
−
3.3
V
PESD5V2S2UT
−
−
5.2
V
PESD12VS2UT
−
−
12
V
PESD15VS2UT
−
−
15
V
PESD24VS2UT
−
−
24
V
IRM
reverse leakage current
PESD3V3S2UT
VRWM = 3.3 V
−
0.7
2
µA
PESD5V2S2UT
VRWM = 5.2 V
−
0.15
1
µA
PESD12VS2UT
VRWM = 12 V
−
<0.02
1
µA
PESD15VS2UT
VRWM = 15 V
−
<0.02
1
µA
PESD24VS2UT
VRWM = 24 V
−
<0.02
1
µA
VBR
breakdown voltage
IZ = 5 mA
PESD3V3S2UT
5.2
5.6
6.0
V
PESD5V2S2UT
6.4
6.8
7.2
V
PESD12VS2UT
14.7
15.0
15.3
V
PESD15VS2UT
17.6
18.0
18.4
V
PESD24VS2UT
26.5
27.0
27.5
V
Cd
diode capacitance
f = 1 MHz; VR = 0 V
PESD3V3S2UT
−
207
300
pF
PESD5V2S2UT
−
152
200
pF
PESD12VS2UT
−
38
75
pF
PESD15VS2UT
−
32
70
pF
PESD24VS2UT
−
23
50
pF
V(CL)R
clamping voltage
notes 1 and 2
PESD3V3S2UT
Ipp = 1 A
−
−
7
V
Ipp = 18 A
−
−
20
V
PESD5V2S2UT
Ipp = 1 A
−
−
9
V
Ipp = 15 A
−
−
20
V
PESD12VS2UT
Ipp = 1 A
−
−
19
V
Ipp = 5 A
−
−
35
V
PESD15VS2UT
Ipp = 1 A
−
−
23
V
Ipp = 5 A
−
−
40
V
PESD24VS2UT
Ipp = 1 A
−
−
36
V
Ipp = 3 A
−
−
70
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com