Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPC-10C Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # VRPC-10C
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPC-10C Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button VRPC-10C Datasheet HTML 2Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 3Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 4Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 5Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 6Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 7Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 8Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 9Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 10Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPC-10C
3.3V Input / 1.5 – 2.5V Output / 10A
page 6
Efficiency Data
Module 2.5V
85.0%
87.0%
89.0%
91.0%
93.0%
95.0%
97.0%
99.0%
0.0
2.0
4.0
6.0
8.0
10.0
OUTPUT CURRENT
3.0V
3.3V
3.6V
Module 1.8V
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
94.0%
0.0
2.0
4.0
6.0
8.0
10.0
OUTPUT CURRENT
3.0V
3.3V
3.6V
Module 1.5V
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
94.0%
0.0
2.0
4.0
6.0
8.0
10.0
OUTPUT CURRENT
3.0V
3.3V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com