Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPD-15C Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # VRPD-15C
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPD-15C Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button VRPD-15C Datasheet HTML 2Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 3Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 4Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 5Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 6Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 7Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 8Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 9Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPD-15C
3.3V Input / 1.2V – 2.5V Output / 15A
page 6
Efficiency Data
2.5V Module
85%
87%
89%
91%
93%
95%
97%
99%
0
5
10
15
Output Current
3.0V
3.3V
3.6V
1.8V M odule
80%
82%
84%
86%
88%
90%
92%
94%
05
10
15
Output Current
3.0V
3.3V
3.6V
1.5V M odule
82%
84%
86%
88%
90%
92%
94%
0
5
10
15
O utput Current
3.0V
3.3V
3.6V
1.2V M odule
78%
80%
82%
84%
86%
88%
90%
92%
0
5
10
15
O utput Current
3.0V
3.3V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com