Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD60N55 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD60N55
Description  N-channel 55V - 8.0m??- 65A - DPAK - IPAK MDmesh??low voltage Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD60N55 Datasheet(HTML) 4 Page - STMicroelectronics

  STD60N55 Datasheet HTML 1Page - STMicroelectronics STD60N55 Datasheet HTML 2Page - STMicroelectronics STD60N55 Datasheet HTML 3Page - STMicroelectronics STD60N55 Datasheet HTML 4Page - STMicroelectronics STD60N55 Datasheet HTML 5Page - STMicroelectronics STD60N55 Datasheet HTML 6Page - STMicroelectronics STD60N55 Datasheet HTML 7Page - STMicroelectronics STD60N55 Datasheet HTML 8Page - STMicroelectronics STD60N55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STD60N55 - STD60N55-1
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
Static
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250µA, VGS= 0
55
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating,Tc = 125°C
10
100
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20V
±
200
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250µA
24
V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 32A
8.0
10.5
m
Ω
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ.
Max. Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward transconductance
VDS =25V, ID=32A
50
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer capacitance
VDS = 25V, f = 1MHz, VGS=0
2200
500
25
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 27V, ID = 65A
VGS =10V
(see Figure 2)
33.5
12.5
9.5
45
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com