Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C82 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 82C82
Description  CMOS Octal Latching Bus Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82C82 Datasheet(HTML) 1 Page - Renesas Technology Corp

  82C82 Datasheet HTML 1Page - Renesas Technology Corp 82C82 Datasheet HTML 2Page - Renesas Technology Corp 82C82 Datasheet HTML 3Page - Renesas Technology Corp 82C82 Datasheet HTML 4Page - Renesas Technology Corp 82C82 Datasheet HTML 5Page - Renesas Technology Corp 82C82 Datasheet HTML 6Page - Renesas Technology Corp 82C82 Datasheet HTML 7Page - Renesas Technology Corp 82C82 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FN2975 Rev 2.00
Page 1 of 8
Aug 25, 2015
FN2975
Rev 2.00
Aug 25, 2015
82C82
CMOS Octal Latching Bus Driver
DATASHEET
Features
• Full Eight-Bit Parallel Latching Buffer
• Bipolar 8282 Compatible
• Three-State Noninverting Outputs
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . 35ns Max.
• Gated Inputs:
- Reduce Operating Power
- Eliminate the Need for Pull-Up Resistors
• Single 5V Power Supply
• Low Power Operation. . . . . . . . . . . . . . . .ICCSB = 10
A
• Operating Temperature Ranges
- C82C82. . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
- I82C82 . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
- M82C82 . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Description
The Intersil 82C82 is a high performance CMOS Octal
Latching Buffer manufactured using a self-aligned silicon
gate CMOS process (Scaled SAJI IV). The 82C82 provides
an eight-bit parallel latch/buffer in a 20 pin package. The
active high strobe (STB) input allows transparent transfer of
data and latches data on the negative transition of this
signal. The active low output enable (OE) permits simple
interface to state-of-the-art microprocessor systems.
Pinouts
82C82 (PDIP, CERDIP)
TOP VIEW
82C82 (PLCC, CLCC)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
DI0
DI1
DI2
DI3
DI4
DI5
DI7
DI6
OE
GND
VCC
DO1
DO2
DO3
DO0
DO4
DO5
DO6
DO7
STB
19
3
2
20
1
15
16
17
18
14
9
10
11
12
13
4
5
6
7
8
DI4
DI5
DI6
DI7
DI3
DO2
DO3
DO4
DO5
DO1
NO
LO
NG
ER
AV
AI
LA
BL
E O
R
SU
PP
OR
TE
D
TRUTH TABLE
STB
OE
DI
DO
XH
X
Hi-Z
HL
L
L
HL
H
H
LX
†
H
= Logic One
L
= Logic Zero
X
= Don’t Care
†
= Latched to Value of Last
Data
Hi-Z = High Impedance
= Neg. Transition
PIN NAMES
PIN
DESCRIPTION
DI0-DI7
Data Input Pins
DO0-DO7
Data Output Pins
STB
Active High Strobe
OE
Active Low Output
Enable


Similar Part No. - 82C82

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C82 INTERSIL-82C82 Datasheet
103Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
82C82 INTERSIL-82C82 Datasheet
148Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
82C82 INTERSIL-82C82_02 Datasheet
148Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
More results

Similar Description - 82C82

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX543 MOTOROLA-MC74LCX543 Datasheet
155Kb / 9P
LOW-VOLTAGE CMOS OCTAL LATCHING TRANSCEIVER
logo
Intersil Corporation
82C82 INTERSIL-82C82 Datasheet
103Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
82C83H INTERSIL-82C83H Datasheet
105Kb / 6P
CMOS Octal Latching Inverting Bus Driver
March 1997
82C86H INTERSIL-82C86H Datasheet
109Kb / 8P
CMOS Octal Bus Transceiver
March 1997
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
logo
Intersil Corporation
82C82 INTERSIL-82C82_02 Datasheet
148Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
logo
Integrated Device Techn...
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
CMOS Octal Bus Transceiver
June 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com