Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FG430 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 9FG430
Description  Four Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FG430 Datasheet(HTML) 2 Page - Renesas Technology Corp

  9FG430 Datasheet HTML 1Page - Renesas Technology Corp 9FG430 Datasheet HTML 2Page - Renesas Technology Corp 9FG430 Datasheet HTML 3Page - Renesas Technology Corp 9FG430 Datasheet HTML 4Page - Renesas Technology Corp 9FG430 Datasheet HTML 5Page - Renesas Technology Corp 9FG430 Datasheet HTML 6Page - Renesas Technology Corp 9FG430 Datasheet HTML 7Page - Renesas Technology Corp 9FG430 Datasheet HTML 8Page - Renesas Technology Corp 9FG430 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IDT®
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
1681D—04/04/17
9FG430
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
2
Pin Configuration
Power Groups
VDD
GND
34
9,21
10,20
28
27
IREF, Analog VDD, GND for PLL Core
Description
Pin Num ber
REFOUT, Digital Inputs
DIF Outputs
Frequency Select Table
SEL14M_25M#
(FS3)
FS2 FS1 FS0 OUTPUT (MHz)
0
0
0
0
100.00
0
0
0
1
125.00
0
0
1
0
133.33
0
0
1
1
166.67
0
1
0
0
200.00
0
1
0
1
266.67
0
1
1
0
333.33
0
1
1
1
400.00
1
0
0
0
100.00
1
0
0
1
125.00
1
0
1
0
133.33
1
0
1
1
166.67
1
1
0
0
200.00
1
1
0
1
266.67
1
1
1
0
333.33
1
1
1
1
400.00
XIN/CLKIN
1
28 VDDA
X2
2
27 GNDA
VDD
3
26 IREF
GND
4
25 vFS0
REFOUT
5
24 vFS1
vFS2
6
23 DIF_0
DIF_3
7
22 DIF_0#
DIF_3#
8
21 VDD
VDD
9
20 GND
GND 10
19 DIF_1
DIF_2 11
18 DIF_1#
DIF_2# 12
17 ^SEL14M_25M#
SDATA 13
16 vSPREAD
SCLK 14
15 DIF_STOP#
^ indicates internal 120K pull up
v indicates internal 120K pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com