Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDLL4101-1 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # CDLL4101-1
Description  500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL4101-1 Datasheet(HTML) 6 Page - Microsemi Corporation

  CDLL4101-1 Datasheet HTML 1Page - Microsemi Corporation CDLL4101-1 Datasheet HTML 2Page - Microsemi Corporation CDLL4101-1 Datasheet HTML 3Page - Microsemi Corporation CDLL4101-1 Datasheet HTML 4Page - Microsemi Corporation CDLL4101-1 Datasheet HTML 5Page - Microsemi Corporation CDLL4101-1 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T4-LDS-0245, Rev. 2 (5/31/13)
©2013 Microsemi Corporation
Page 6 of 6
1N4614UR-1 – 1N4627UR-1e3,
1N4099UR-1 – 1N4135UR-1e3
PACKAGE DIMENSIONS
PAD LAYOUT
DIM
INCH
MILLIMETERS
MIN
MAX
MIN
MAX
BD
0.063
0.067
1.60
1.70
BL
0.130
0.146
3.30
3.71
ECT
0.016
0.022
0.41
0.56
S
0.001 min
0.03 min
INCH
mm
A
0.200
5.08
B
0.055
1.40
C
0.080
2.03



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com