Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDLL4103-1 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # CDLL4103-1
Description  500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL4103-1 Datasheet(HTML) 2 Page - Microsemi Corporation

  CDLL4103-1 Datasheet HTML 1Page - Microsemi Corporation CDLL4103-1 Datasheet HTML 2Page - Microsemi Corporation CDLL4103-1 Datasheet HTML 3Page - Microsemi Corporation CDLL4103-1 Datasheet HTML 4Page - Microsemi Corporation CDLL4103-1 Datasheet HTML 5Page - Microsemi Corporation CDLL4103-1 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T4-LDS-0245, Rev. 2 (5/31/13)
©2013 Microsemi Corporation
Page 2 of 6
1N4614UR-1 – 1N4627UR-1e3,
1N4099UR-1 – 1N4135UR-1e3
MECHANICAL and PACKAGING
•
CASE: Hermetically sealed glass DO-213AA (SOD80 or CDLL34) MELF style package.
•
TERMINALS: Tin-lead or RoHS compliant annealed matte-tin (on commercial grade only) plating. Solderable per MIL-STD-750,
method 2026.
•
POLARITY: Cathode indicated by banded end. Diode is to be operated with the banded end positive with respect to the opposite
end for Zener regulation.
•
MARKING: Cathode band only.
•
TAPE & REEL option: Standard per EIA-481-1-A with 12 mm tape (add “TR” suffix to part number). Consult factory for quantities.
•
WEIGHT: Approximately 0.04 grams.
•
See Package Dimensions on last page.
PART NOMENCLATURE
JAN
1N4099
C UR
-1
(e3)
Reliability Level
JAN = JAN level
JANTX = JANTX level
JANTXV = JANTXV level
JANS = JANS level
Blank = Commercial
JEDEC type number
(See Electrical Characteristics
table)
Zener Voltage Tolerance
Blank = 5%
C = 2%
D = 1%
RoHS Compliance
e3 = RoHS compliant (available
on commercial grade only)
Blank = non-RoHS compliant
Metallurgically Bonded
Surface Mount Package
CDLL
4099
C
-1
(e3)
Microsemi Designation
JEDEC type number
(See Electrical Characteristics
table)
Zener Voltage Tolerance
Blank = 5%
C = 2%
D = 1%
RoHS Compliance
e3 = RoHS compliant Blank =
non-RoHS compliant
Metallurgically Bonded



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com