Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H66T19AA Datasheet(PDF) 2 Page - Micro Electronics

Part # H66T19AA
Description  64-Note ROM memory Dynamic speaker can be driven with external NPN transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

H66T19AA Datasheet(HTML) 2 Page - Micro Electronics

  H66T19AA Datasheet HTML 1Page - Micro Electronics H66T19AA Datasheet HTML 2Page - Micro Electronics H66T19AA Datasheet HTML 3Page - Micro Electronics H66T19AA Datasheet HTML 4Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200220
Issued Date : 1998.04.08
Revised Date : 2002.12.20
Page No. : 2/4
H66T19XA, H66T32XA, H66T68XA
HSMC Product Specification
Comment
Stress above those listed as "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only. Functions of this device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Any expos-ure to absolute
maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VSS=0V, Ta=25
°C, FOSC=65536Hz, unless otherwise specified)
Paramater
Symbol
Min
Typ
Max
Conditions
Operating Voltage
V
DD
1.5V
-
3V
Operating Current
I
D
-
-
20uA
V
DD=1.5V, O/P Open
Drive Current
I
Drive
-
-
200uA
V
DD=1.3V, O/P=0.8V
O/P Sink Current
I
Sink
-
-
5uA
V
DD=1.3V, O/P=0.5V Open
Frequency Deviation Per Lot
∆F/F
-12%
-
+33%
V
DD=1.5V
Frequency Stability
∆F/F
10%
-
-
(F
OSC(1.6V)-FOSC (1.3V))/FOSC(1.3V)
Functional Description
• Oscillator Circuit
The oscillation frequency is used for tone and beat generators. Its accuracy affects the quality of the
music.
• Tone Generator
Tone frequencies are oscillator frequencies-M, where M is any even number from 64 to 256. Within a
melody 14 scales can be selected including PAUSE code and END code. The tone generator is a
programmed divider. The range of scales is from "C4" to "C6" and that for freq-uency varies from
258Hz to 23768Hz.
• Rhythm Generator
The rhythm generator is also a programmed divider. It contains 15 available rhythms as follows:
1/4
1/2
3/4
1
1-1/4
1-1/2
1-3/4
2
2-1/4
2-1/2
2-3/4
3
3-1/4
3-1/2
3-3/4
J. Four rhythms can be selected from these.
• Melody Rom
The Mask ROM can memorize 64 notes with 6 bits. 4 bits are used for controlling the scale co-de and
2 bits are used for controlling the rhythm code.
• Tempo Generator
There are 15 available tempos in the H66T19/32/68 Series. The 15 tempos are: 128, 137, 148, 160,
175, 192, 213, 240, 274, 320, 480, 640, 960, 1920 J / minute.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com