Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W320CT85N1T Datasheet(PDF) 15 Page - STMicroelectronics

Part # M28W320CT85N1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT85N1T Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M28W320CT85N1T Datasheet HTML 11Page - STMicroelectronics M28W320CT85N1T Datasheet HTML 12Page - STMicroelectronics M28W320CT85N1T Datasheet HTML 13Page - STMicroelectronics M28W320CT85N1T Datasheet HTML 14Page - STMicroelectronics M28W320CT85N1T Datasheet HTML 15Page - STMicroelectronics M28W320CT85N1T Datasheet HTML 16Page - STMicroelectronics M28W320CT85N1T Datasheet HTML 17Page - STMicroelectronics M28W320CT85N1T Datasheet HTML 18Page - STMicroelectronics M28W320CT85N1T Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
15/42
M28W320CT, M28W320CB
POWER CONSUMPTION
The M28W320C puts itself in one of four different
modes depending on the status of the control sig-
nals: Active Power, Automatic Stand-by, Stand-by
and Reset define decreasing levels of current con-
sumption. These allow the memory power to be
minimised, in turn decreasing the overall system
power consumption. As different recovery time are
linked to the different modes, please refer to the
AC timing Table to design your system.
Active Power
When E is at VIL and RP is at VIH, the device is in
active mode. Refer to DC Characteristics to get
the values of the current supply consumption.
Automatic Stand-by
Automatic Stand-by provides a low power con-
sumption state during read mode. Following a
read operation, after a delay close to the memory
access time, the device enters Automatic Stand-
by: the Supply Current is reduced to ICC1 values.
The device keeps the last output data stable, till a
new location is accessed.
Stand-by or Reset
Refer to the Device Operations section.
Power Up
The Supply voltage VDD and the Program Supply
voltage VPP can be applied in any order. The
memory Command Interface is reset on power up
to Read Memory Array, but a negative transition of
Chip Enable E or a change of the addresses is re-
quired to ensure valid data outputs. Care must be
taken to avoid writes to the memory when VDD is
above VLKO. Writes can be inhibited by driving ei-
ther E or W to VIH. The memory is disabled if RP
is at VIL.
Supply Rails
Normal precautions must be taken for supply volt-
age decoupling, each device in a system should
have the VDD and VPP rails decoupled with a
0.1
µF capacitor close to the VDD and VPP pins.The
PCB trace widths should be sufficient to carry the
required VPP program and erase currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com