Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACDN042 Datasheet(PDF) 9 Page - California Micro Devices Corp

Part # PACDN042
Description  Transient Voltage Suppressors / ESD Protectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN042 Datasheet(HTML) 9 Page - California Micro Devices Corp

Back Button PACDN042 Datasheet HTML 5Page - California Micro Devices Corp PACDN042 Datasheet HTML 6Page - California Micro Devices Corp PACDN042 Datasheet HTML 7Page - California Micro Devices Corp PACDN042 Datasheet HTML 8Page - California Micro Devices Corp PACDN042 Datasheet HTML 9Page - California Micro Devices Corp PACDN042 Datasheet HTML 10Page - California Micro Devices Corp PACDN042 Datasheet HTML 11Page - California Micro Devices Corp PACDN042 Datasheet HTML 12Page - California Micro Devices Corp PACDN042 Datasheet HTML 13Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
11/26/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
9
PACDN042/43/44/45/46
Mechanical Details (continued)
SOT23-5 Mechanical Specifications
Dimensions for PACDN044Y5 and PACDN044Y5R
devices packaged in 5-pin SOT23 packages are pre-
sented below.
For complete information on the SOT23-5 package,
see the California Micro Devices SOT23 Package Infor-
mation document.
* This is an approximate amount which may vary.
Package Dimensions for SOT23-5.
PACKAGE DIMENSIONS
Package
SOT23-5 (JEDEC name is MO-178)
Pins
5
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
--
1.45
--
0.057
A1
0.00
0.15
0.000
0.006
b
0.30
0.50
0.012
0.020
c
0.08
0.22
0.003
0.009
D
2.75
3.05
0.108
0.120
E
2.60
3.00
0.102
0.118
E1
1.45
1.75
0.057
0.069
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.60 REF
0.0236 REF
# per tape
and reel
3000 pieces*
Controlling dimension: inches
Mechanical Package Diagrams
TOP VIEW
54
e1
e
E1 E
b
A
SIDE VIEW
L1
END VIEW
D
A1
c
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com