Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358AD Datasheet(PDF) 2 Page - Texas Instruments

Part # LM358AD
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM358AD Datasheet(HTML) 2 Page - Texas Instruments

  LM358AD Datasheet HTML 1Page - Texas Instruments LM358AD Datasheet HTML 2Page - Texas Instruments LM358AD Datasheet HTML 3Page - Texas Instruments LM358AD Datasheet HTML 4Page - Texas Instruments LM358AD Datasheet HTML 5Page - Texas Instruments LM358AD Datasheet HTML 6Page - Texas Instruments LM358AD Datasheet HTML 7Page - Texas Instruments LM358AD Datasheet HTML 8Page - Texas Instruments LM358AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
DUAL OPERATIONAL AMPLIFIERS
SLOS068P − JUNE 1976 − REVISED SEPTEMBER 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TA
VIOmax
AT 25
°C
MAX
TESTED
VCC
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
LM358P
LM358P
SOIC (D)
Tube of 75
LM358D
LM358
SOIC (D)
Reel of 2500
LM358DR
LM358
7 mV
30 V
SOP (PS)
Reel of 2000
LM358PSR
L358
7 mV
30 V
TSSOP (PW)
Tube of 150
LM358PW
L358
TSSOP (PW)
Reel of 2000
LM358PWR
L358
0
°C to 70°C
MSOP/VSSOP (DGK)
Reel of 2500
LM358DGKR
M5_‡
0 C to 70 C
PDIP (P)
Tube of 50
LM358AP
LM358AP
SOIC (D)
Tube of 75
LM358AD
LM358A
3 mV
30 V
SOIC (D)
Reel of 2500
LM358ADR
LM358A
3 mV
30 V
TSSOP (PW)
Tube of 150
LM358APW
L358A
TSSOP (PW)
Reel of 2000
LM358APWR
L358A
MSOP/VSSOP (DGK)
Reel of 2500
LM358ADGKR
M6_‡
PDIP (P)
Tube of 50
LM258P
LM258P
5 mV
30 V
SOIC (D)
Tube of 75
LM258D
LM258
5 mV
30 V
SOIC (D)
Reel of 2500
LM258DR
LM258
−25
°C to 85°C
MSOP/VSSOP (DGK)
Reel of 2500
LM258DGKR
M2_‡
−25
°C to 85°C
PDIP (P)
Tube of 50
LM258AP
LM258AP
3 mV
30 V
SOIC (D)
Tube of 75
LM258AD
LM258A
3 mV
30 V
SOIC (D)
Reel of 2500
LM258ADR
LM258A
MSOP/VSSOP (DGK)
Reel of 2500
LM258ADGKR
M3_‡
PDIP (P)
Tube of 50
LM2904P
LM2904P
SOIC (D)
Tube of 75
LM2904D
LM2904
SOIC (D)
Reel of 2500
LM2904DR
LM2904
7 mV
26 V
SOP (PS)
Reel of 2000
LM2904PSR
L2904
7 mV
26 V
TSSOP (PW)
Tube of 150
LM2904PW
L2904
−40
°C to 125°C
TSSOP (PW)
Reel of 2000
LM2904PWR
L2904
−40 C to 125 C
MSOP/VSSOP (DGK)
Reel of 2500
LM2904DGKR
MB_‡
7 mV
32 V
SOIC (D)
Reel of 2500
LM2904VQDR
L2904V
7 mV
32 V
TSSOP (PW)
Reel of 2000
LM2904VQPWR
L2904V
2 mV
32 V
SOIC (D)
Reel of 2500
LM2904AVQDR
L2904AV
2 mV
32 V
TSSOP (PW)
Reel of 2000
LM2904AVQPWR
L2904AV
5 mV
30 V
CDIP (JG)
Tube of 50
LM158JG
LM158JG
−55
°C to 125°C
5 mV
30 V
LCCC (FK)
Tube of 55
LM158FK
LM158FK
−55
°C to 125°C
2 mV
30 V
CDIP (JG)
Tube of 50
LM158AJG
LM158AJG
2 mV
30 V
LCCC (FK)
Tube of 55
LM158AFK
LM158AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ The actual top-side marking has one additional character that designates the assembly/test site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com