Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W320CT85ZB1T Datasheet(PDF) 6 Page - STMicroelectronics

Part # M28W320CT85ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT85ZB1T Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M28W320CT85ZB1T Datasheet HTML 2Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 3Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 4Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 5Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 6Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 7Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 8Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 9Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
M28W320CT, M28W320CB
6/42
SIGNAL DESCRIPTIONS
See Figure 1 and Table 1.
Address Inputs (A0-A20). The address signals
are inputs driven with CMOS voltage levels. They
are latched during a write operation.
Data Input/Output (DQ0-DQ15). The
data
in-
puts, a word to be programmed or a command to
the C.I., are latched on the Chip Enable E or Write
Enable W rising edge, whichever occurs first. The
data output from the memory Array, the Electronic
Signature, the block protection status or Status
Register is valid when Chip Enable E and Output
Enable G are active. The output is high impedance
when the chip is deselected, the outputs are dis-
abled or RP is tied to VIL. Commands are issued
on DQ0-DQ7.
Chip Enable (E). The Chip Enable input acti-
vates the memory control logic, input buffers, de-
coders and sense amplifiers. E at VIH deselects
the memory and reduces the power consumption
to the stand-by level. E can also be used to control
writing to the command register and to the memo-
ry array, while W remains at VIL.
Output Enable (G). The Output Enable controls
the data Input/Output buffers.
Write Enable (W). This input controls writing to
the Command Register, Input Address and Data
latches.
Write Protect (WP). This input gives an addition-
al hardware protection level against program or
erase when pulled at VIL, as described in the Block
Protection description.
Reset Input (RP). The RP input provides hard-
ware reset of the memory. When RP is at VIL,the
memory is in reset mode: the outputs are put to
High-Z and the current consumption is minimised.
When RP is at VIH, the device is in normal opera-
tion. Exiting reset mode the device enters read ar-
ray mode.
VDD Supply Voltage (2.7V to 3.6V). VDD
pro-
vides the power supply to the internal core of the
memory device. It is the main power supply for all
operations (Read, Program and Erase). It ranges
from 2.7V to 3.6V.
VDDQ Supply Voltage (1.65V to VDD). VDDQ
provides the power supply to the I/O pins and en-
ables all Outputs to be powered independently
from VDD.VDDQ can be tied to VDD or it can use a
separate supply. It can be powered either from
1.65V to VDD.
VPP Program Supply Voltage (12V). VPP is both
a control input and a power supply pin. The two
functions are selected by the voltage range ap-
plied to the pin.
If VPP is kept in a low voltage range (0V to 3.6V)
VPP is seen as a control input. In this case a volt-
age lower than VPPLK gives an absolute protection
against program or erase, while VPP >VPP1 en-
ables these functions. VPP value is only sampled
at the beginning of a program or erase; a change
in its value after the operation has been started
does not have any effect and program or erase are
carried on regularly.
If VPP is used in the range 11.4V to 12.6V acts as
a power supply pin. In this condition VPP value
must be stable until P/E algorithm is completed
(see Table 24 and 25).
VSS Ground. VSS is the reference for all the volt-
age measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com