Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W320CB85ZB1T Datasheet(PDF) 20 Page - STMicroelectronics

Part # M28W320CB85ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CB85ZB1T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M28W320CB85ZB1T Datasheet HTML 16Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 17Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 18Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 19Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 20Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 21Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 22Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 23Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
M28W320CT, M28W320CB
20/42
Table 20. DC Characteristics
(TA =0 to 70°C or –40 to 85°C; VDD =VDDQ = 2.7V to 3.6V)
Symbol
Parameter
Test Conditio n
Min
Typ
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VDDQ
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤VDDQ
±10
µA
ICC
Supply Current (Read)
E= VSS,G= VIH, f = 5MHz
10
20
mA
ICC1
Supply Current (Stand-by or
Automatic Stand-by)
E= VDDQ ± 0.2V,
RP = VDDQ ± 0.2V
15
50
µA
ICC2
Supply Current
(Reset)
RP = VSS ± 0.2V
15
50
µA
ICC3
Supply Current (Program)
Program in progress
VPP = 12V ± 5%
10
20
mA
Program in progress
VPP =VDD
10
20
mA
ICC4
Supply Current (Erase)
Erase in progress
VPP = 12V ± 5%
520
mA
Erase in progress
VPP =VDD
520
mA
ICC5
Supply Current
(Program/Erase Suspend)
E=VDDQ ± 0.2V,
Erase suspended
50
µA
IPP
Program Current
(Read or Stand-by)
VPP >VDD
400
µA
IPP1
Program Current
(Read or Stand-by)
VPP ≤ VDD
5
µA
IPP2
Program Current (Reset)
RP = VSS ± 0.2V
5
µA
IPP3
Program Current (Program)
Program in progress
VPP = 12V ± 5%
10
mA
Program in progress
VPP =VDD
5
µA
IPP4
Program Current (Erase)
Erase in progress
VPP = 12V ± 5%
10
mA
Erase in progress
VPP =VDD
5
µA
VIL
Input Low Voltage
–0.5
0.4
V
VDDQ ≥ 2.7V
–0.5
0.8
V
VIH
Input High Voltage
VDDQ –0.4
VDDQ +0.4
V
VDDQ ≥ 2.7V
0.7 VDDQ
VDDQ +0.4
V
VOL
Output Low Voltage
IOL = 100µA, VDD =VDD min,
VDDQ =VDDQ min
0.1
V
VOH
Output High Voltage
IOH = –100µA, VDD =VDD min,
VDDQ =VDDQ min
VDDQ –0.1
V
VPP1
Program Voltage (Program or
Erase operations)
1.65
3.6
V
VPPH
Program Voltage
(Program or Erase
operations)
11.4
12.6
V
VPPLK
Program Voltage
(Program and Erase lock-out)
1V
VLKO
VDD Supply Voltage (Program
and Erase lock-out)
2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com