Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1301 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1301
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1301 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CS1301 Datasheet HTML 5Page - National Semiconductor (TI) CS1301 Datasheet HTML 6Page - National Semiconductor (TI) CS1301 Datasheet HTML 7Page - National Semiconductor (TI) CS1301 Datasheet HTML 8Page - National Semiconductor (TI) CS1301 Datasheet HTML 9Page - National Semiconductor (TI) CS1301 Datasheet HTML 10Page - National Semiconductor (TI) CS1301 Datasheet HTML 11Page - National Semiconductor (TI) CS1301 Datasheet HTML 12Page - National Semiconductor (TI) CS1301 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Revision 2.2
9
www.national.com
Signal Definitions (Continued)
Figure 2-2. 292-TEPBGA Ball Assignment Diagram
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
PAD23 PIDSEL PAD24 PAD27 PAD28 PAD31 PCIID# PCIIB#
NC
NC
NC
SPDO AOSD2
AOSC AOWS AISCK
VILD
VIDT8
VIDT5
VIDT4
1234
567
89
10 11 12 13 14 15 16 17 18 19 20
PAD20 PAD19 PCBE3# PAD26 PGT#
PAD30 PRQ# PCIIC#
NC
NC
NC
AOSD4 OSD1 AOOCK AIOCK
AIWS
VIDT9
VIDT7
VIDT3
VIDT2
PAD18 PAD21 PAD22 PAD25
VSS
PAD29
VCC
VDD
PCIIA#
VCC
VCC
AOSD3
VDD
VCC
AISD
VSS
VIDT6 VRPER VIDT1
VICK
PAD16 PCBE#2 PAD17 VSS
VSS
VCC
VCC
VDD
VDD
VCC
VCC
VDD
VDD
VCC
VCC
VSS
VSS
VIDT0
NC SCNCPU
PIRD#
PFM#
VSS
VSS
PDVSL# VRPC PTRD#
VCC
PPR# PSTP#
VCC
VCC
PPAR
PSR#
VDD
VDD
PAD14 PAD15 PCBE1# VDD
PAD12 PAD13
VCC
VCC
PAD11
PAD10
VCC
VCC
PAD9
PAD8 PCBE0#
VDD
PAD7
PAD6
VDD
VDD
PAD5
PAD4
VCC
VCC
PAD3
PAD2
PAD1
VCC
PAD0
PCICK
VSS
VSS
MCE1 MCS0# MCS2# VSS
MDQM2 MDQ24 MDQ25 MDQM3
MDQ26 MDQ27 MDQ30 MDQ23
VSS
VSS
NC
JTTMS
VSS
MDQ7 MDQM0
BTCK
VSS
VCC
VCC
VDD
VDD
VCC
VCC
VDD
VDD
VCC
VCC
VSS
VSS
MDQ4 MCS3# MCS1#
VSS MDQ19 VCC
VDD
MMA6
VCC
VCC MMA10 VDD
VCC MDQ15
VSS
MDQ9 MDQ1 MDQ5 MDQ6
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VDD TRTRCK VOIO2
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VOIO1 VOCLK VODT7
VSS
VSS
VSS
VSS
VSS
VSS
VCC
VCC
VODT6
VDDQ
VSS
VSS
VSS
VSS
VSS
VSS
VCC
VCC
VSSQ TRCKIN
VSS
VSS
VSS
VSS
VSS
VSS
VDD VODT3 VODT4 VODT5
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VDD
VODT1 VODT2
VCC
JTTDO JTTCK JTTDI
VCC
VCC TRRST# TRUSIQ
VCC
VCC
TEST
VODT0
VCC MDQM1 ICSDA ICSCL
MDQ21 MDQ18 MDQ16 MMA8 MMA5 MMCK1 MMA2 MMA0 MMA12 MRS# MWE# MDQ13 MDQ11 MDQ8 MDQ2 MDQ3
Note:
Signal names have been abbreviated in this figure due to space constraints.
= GND Connection
= CS1301 2.5V Core Power Connection; CS1311 2.2V Core Power Connection
= 3.3V I/O Power Connection
Geode™
CS1301/CS1311
Multimedia Companion
MDQ28 MDQ29 MDQ31 MDQ22 MDQ20 MDQ17 MMA9 MMA7 MMA4 MMCK0 MMA3 MMA1 MMA11 MMA13 MCS# MDQ14 MDQ12 MDQ10 MCE0
MDQ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com