Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS-20PC-2AS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DMS-20PC-2AS
Description  3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DMS-20PC-2AS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  DMS-20PC-2AS Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-20PC-2AS Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-20PC-2AS Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-20PC-2AS Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-20PC-2AS Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-20PC-2AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
Email: sales@datel.com
Data sheet fax back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
®®
ISO 9001
ISO 9001
REGISTERED
DS-0271B 1/98
DMS-20PC
3 ½
DIGIT , LED
DISPLA Y
DIGIT AL
P ANEL V O L TMETERS
FRONT VIEW
DP1
DP2
DP3
PIN #1
IDENTIFIER
+5V SUPPLY
DISPLAY ENABLE
5V RETURN
DP3
DP2
DP1
1
2
3
4
5
6
(–) INPUT LO
(+) INPUT HI
ANALOG COMMON
DISPLAY TEST/HOLD
REFERENCE OUT
REFERENCE IN
12
11
10
9
8
7
0.80
(20.3)
0.15
(3.8)
TYP.
0.50
(12.7)
0.10
(2.5)
TYP.
0.040
(1.02)
0.040
(1.02)
1.10
(27.9)
0.10
(2.5)
TYP.
0.25 (6.4) TYP.
0.475 (12.07)
0.040
(1.02)
1.30
(33.0)
1.38
(35.1)
0.88
(22.4)
0.170
(4.32)
0.150
(3.81)
PIN 1
0.125 (3.175) DIAMETER
(USE ONLY WHEN
PC BOARD MOUNTING)
CALIBRATION POTENTIOMETER HOLE LOCATION
Mechanical Specifications
MECHANICAL DIMENSIONS: Inches (mm)
TOLERANCES: 2 PL DEC ±0.02 (±0.51)
3 PL DEC ±0.010 (±0.254)
LEAD DIMENSIONS: 0.025 (0.635) x 0.025 (0.635) NOMINAL
RECOMMENDED PC BOARD FINISHED HOLE DIAMETER:
0.042 ±0.003 (1.067 ±0.076)
#2-56 INSERT
0.156 (3.96) DEEP
FRONT VIEW
1.280
(32.51)
0.187
(4.75)
OPTIONAL BEZEL (DMS-BZL3 and DMS-BZL4)
RECOMMENDED DRILL AND PANEL CUTOUT DIMENSIONS
1.826 (46.38)
0.838
(21.29)
1.336 (33.93)
1.626 (41.30)
1.07
(27.18)
INTERNAL CORNER RADII:
0.032 (0.81) MAX.
0.145
(3.68)
0.093 (2.362) DIAMETER (4 REQUIRED)
ONLY WHEN USING OPTIONAL BEZEL ASSEMBLY
0.116
(2.95)
BEZEL INSTALLATION
BEZEL
PANEL
RETAINING CLIP INSTALLATION
PANEL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com