Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS-20PC-2OS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DMS-20PC-2OS
Description  3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DMS-20PC-2OS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DMS-20PC-2OS Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-20PC-2OS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Applications
3 ½
DIGIT ,
LED
DISPLA Y
DIGIT AL
P ANEL V O L TMETERS
DMS-20PC
Figure 8. 4.5V-18V Power Supply Monitor
Figure 10. External Gain Adjustment
Figure 7. 4-to-20mA Current Loop Operation
To calibrate the circuit of Figure 7, perform the following:
1. With 4mA applied, adjust the 50k
Ω potentiometer (R2) to
display a reading of "000" (assuming that is the desired
reading).
2. With 20mA applied, adjust the gain-adjust potentiometer on
the back of the meter to display a reading of "1000". For different
full scale readings, alter the value of RShunt accordingly.
Figure 9. DC Ammeter Circuit
The LM-2931 was chosen because it has the following on-chip
protection features: reverse polarity, short circuit and thermal
runaway. When using other, higher-power, DMS-20PC models
with three-terminal regulators, be sure to consult the regulator
manufacturer's data sheet to ensure the regulator is being
utilized safely and correctly.
7. Digital Ammeter: Digital ammeters are finding ever-increasing
usage because analog-style ammeters (moving-vane types) now
cost roughly the same as their digital counterparts. Additionally,
analog ammeters are not nearly as rugged as modern digital
panel voltmeters. Figure 9 illustrates a typical ammeter
application. The circuit uses a ±200mV input meter — the
preferred range for most ammeters — to measure the voltage
developed across a 0.1
Ω current shunt. The circuit shown
represents a basic ammeter connection diagram. A detailed
application note describing digital dc ammeters is included in
DATEL's new Digital Panel Meter Databook.
8. External Gain Adjustment: Connect REFERENCE OUT
(pin 8) to REFERENCE IN (pin 7) for normal, factory calibrated,
operation. Use the circuit shown in Figure 10 for applications
needing external gain adjustment. Calibration is performed with
a precise, near-full-scale, input voltage.
6. Power Supply Monitoring: One of the most common digital
panel meter applications involves monitoring the output voltage
of the system power supply — often this supply also powers the
meter itself. The low-power, red LED DMS-20PC-2-RL can be
configured to allow power supply monitoring over the range of
4.5-18Vdc. The circuit in Figure 8 uses a low-drop-out, three-
terminal regulator (LM-2931Z-5, available from National
Semiconductor) to provide regulated 5V-power to the meter.
Example: For a meter with a 2V full scale input (1.999 full scale
reading) and a desired display reading of "1000" (with an input
of 20mA), VFsr = 1.000 Volts
RShunt = 1.000V/(0.020 – 0.004)A
RShunt = 1.000V/0.016A = 62.5 Ohms
13
+5V SUP
5V RET
DATEL
UPA-5/500
120 VAC
AC to DC Converter
DMS-20PC-1
12
(–) IN LO
10
ANA COMM
11
(+) IN HI
R1
–
4-20mA
50k
R2
8
7
REF OUT
REF IN
2
DISPLAY
ENABLE
5
7
8
+
–
DMS-20PC-2-RL
12
11
1
4.5 - 18Vdc
LM2931Z-5
GND
IN
OUT
+5V SUP
3
DP2
REF
IN
REF
OUT
(–) IN LO
5V RET
2
DISP EN
(+) IN HI
22µF
10V
+
6
3
+
–
DMS-20PC-0
11
0.150V
1
1.5 Amp (Load Current)
5Vdc
7
8
+5V SUP
5V RET
DP1
(+) IN HI
REF OUT
REF IN
2
DISP EN
0.1
W
RShunt
Load
(3.3 )
12
(–) IN LO
W
12
VOLTAGE
CALIBRATOR
OUT
10
(+) IN HI
(–) IN LO
ANA
COMM
= 10 to 20 Turns
7
REF
IN
11
732, 1%
8.06k, 1%
5V RET
Connections
for ±2V, ±20V
and ±200V models
Connections
for ±200mV
models
COM
17.4k, 1%
2k
24.3k, 1%
3
12
DMS-20PC-1
8
NC
200
+5V IN
1
1
1
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com